Electronic Components Datasheet Search
  English  ▼

X  

ST62T20C Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST62T20C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 20 PINS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T20C Datasheet(HTML) 4 Page - STMicroelectronics

  ST62T20C Datasheet HTML 1Page - STMicroelectronics ST62T20C Datasheet HTML 2Page - STMicroelectronics ST62T20C Datasheet HTML 3Page - STMicroelectronics ST62T20C Datasheet HTML 4Page - STMicroelectronics ST62T20C Datasheet HTML 5Page - STMicroelectronics ST62T20C Datasheet HTML 6Page - STMicroelectronics ST62T20C Datasheet HTML 7Page - STMicroelectronics ST62T20C Datasheet HTML 8Page - STMicroelectronics ST62T20C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
4/70
ST62T08C/T09C ST62T10C/T20C/E20C
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST62T08C,T09C,T10C,T20C and ST62E20C
devices are low cost members of the ST62xx 8-bit
HCMOS family of microcontrollers, which is target-
ed at low to medium complexity applications. All
ST62xx devices are based on a building block ap-
proach: a common core is surrounded by a
number of on-chip peripherals.
The ST62E20C is the erasable EPROM version of
the ST62T08C,T09C,T10C and T20C device,
which
may
be
used
to
emulate
the
ST62T08C,T09C,T10C and T20C device, as well
as the respective ST6208C,09C,10C,20C ROM
devices.
OTP and EPROM devices are functionally identi-
cal. The ROM based versions offer the same func-
tionality selecting as ROM options the options de-
fined in the programmable option bytes of the
OTP/EPROM versions.
OTP devices offer all the advantages of user pro-
grammability at low cost, which make them the
ideal choice in a wide range of applications where
frequent code changes, multiple code versions or
last minute programmability are required.
These compact low-cost devices feature a Timer
comprising an 8-bit counter and a 7-bit program-
mable prescaler,an 8-bit A/D Converter with up to
8 analog inputs and a Digital Watchdog timer,
making them well suited for a wide range of auto-
motive, appliance and industrial applications.
Figure 1. Block Diagram
TEST
NMI
INTERRUP T
PROGRAM
1836 Bytes
PC
STACK LEVEL 1
STACK LEVEL 2
STACK LEVEL 3
STACK LEVEL 4
STACK LEVEL 5
STACK LEVEL 6
POWER
SUPPLY
OSCILLATOR
RESET
DATA ROM
USER
SELECTAB LE
DATA RAM
64 Bytes
PORT A
PORT B
TIMER
DIGITAL
8 BIT CORE
TEST/VPP
3884 Bytes
(ST62T10C)
(ST62T20C, E20C)
8-BIT
A/D CONVERTER
PA0..PA 3 (20mA Sink)
TIMER
VDD VSS
OSCin OSCout
RESE T
WATCHDOG
:
MEMORY
PB0..PB7 / Ain (*)
1036 Bytes
(ST62T08C,T09C)
(*) Analog input availability depend on versions
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com