Electronic Components Datasheet Search
  English  ▼

X  

DN1 Datasheet(PDF) 2 Page - LUMEL S.A.

Part # DN1
Description  NUMERIC DISPLAYS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

DN1 Datasheet(HTML) 2 Page - LUMEL S.A.

  DN1 Datasheet HTML 1Page - LUMEL S.A. DN1 Datasheet HTML 2Page - LUMEL S.A. DN1 Datasheet HTML 3Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LUMEL S.A., ul. Słubicka 1, 65-127 Zielona Góra, Poland / tel.: +48 68 45 75 139/276/305/386, fax: +48 68 32 54 091 / e-mail:export@lumel.com.pl /
www.lumel.com.pl
Table 2
lack
00
mV
01
V
02
kV
03
mA
04
A
05
kA
06
kW
07
MW
08
var
09
kvar
10
Mvar
11
kWh
12
13
k
14
S
15
mS
16
Table 1
Code
nr
Kind of display
number
of digits
Display overal
dimensions [mm]
Assembly dimensions [mm]
1
2 digits
2x
3 digits
2 rows
a = 415
a = 560
a = 820
c = 220
c = 320
c = 450
b = 77
b = 77
b = 100
d = 50
d = 75
d = 80
h = 160
h = 264
h = 370
L = 250
L = 350
L = 450
a = 415
a = 560
a = 820
c = 220
c = 320
c = 450
b = 77
b = 77
b = 100
d = 50
d = 75
d = 80
h = 160
h = 264
h = 370
L = 250
L = 350
L = 450
a = 593
a = 810
a = 1200
c = 320
c = 430
c = 850
b = 77
b = 77
b = 100
d = 50
d = 75
d = 80
h = 160
h = 264
h = 370
L = 420
L = 480
L = 710
a = 593
a = 810
a = 1200
c = 320
c = 430
c = 850
b = 77
b = 77
b = 100
d = 50
d = 75
d = 80
h = 160
h = 264
h = 370
L = 420
L = 480
L = 710
a = 593
a = 810
a = 1200
c = 320
c = 430
c = 850
b = 77
b = 77
b = 100
d = 50
d = 75
d = 80
h = 160
h = 264
h = 370
L = 420
L = 480
L = 710
a = 593
a = 810
a = 1200
c = 320
c = 430
c = 850
b = 77
b = 77
b = 100
d = 50
d = 75
d = 80
h = 160
h = 264
h = 370
L = 420
L = 480
L = 710
a = 415
a = 560
a = 820
c = 220
c = 320
c = 450
b = 77
b = 77
b = 100
d = 50
d = 75
d = 80
h = 270
h = 478
h = 680
L = 250
L = 350
L = 450
3 digits
4 digits
5 digits
2x
2 digits
clock
2
DN1
DN2
DN3
DN1
DN2
DN3
3
4
5
6
7
8*
Note:
Alternate display
every 10 sec.
Clock synchronized
by DCF signal.
* Concerns DN3
C = 850
D = 80
L = 450
A = 1200
B = 100
H = 370
Kind of displays and display overall dimensions
Hz
17
kHz
18
MHz
19
%
20
C
21
F
22
K
23
% H
2O
24
mbar
25
Bar
26
mmH
2O
27
mmHg
28
Pa
29
hPa
30
kPa
31
MPa
32
pH
33
Unit
Code
s
34
min
35
h
36
mm
37
cm
38
m
39
m3
40
m/s
41
m/h
42
km/h
43
m3/h
44
revolutions
45
r.p.m.
46
rad
47
pieces
48
pcs/h
49
O
2
50
CO
51
CO
2
52
l
53
l/min
54
l/h
55
mg
56
kg
57
Mg
58
k/h
59
Mg/h
60
N
61
kN
62
mg/l
63
Unit
Code
Unit
Code
Unit
Code
*
NOTE: When ordering, one must contact the Export Dept in order
to establish the display way, the choice of devices and measuring
ranges displayed on the display.
Table 3
Displayed quantities
Code
number
0
Without measuring quantity
Temperature measurement
*Measuring range
Humidity measurement
*Measuring range
Temperature and humidity measurement
*Measuring ranges
Pressure measurement
*Measuring range
Measurement of the real time
*Measuring range
Measurement of pulses, revolutions, working time
*Measuring ranges
Measurement of power network parameters
*Measuring ranges
Measurement of current and voltage standard signals
*Measuring ranges
1
2
3
4
5
6
7
8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com