Electronic Components Datasheet Search
  English  ▼

X  

DN2 Datasheet(PDF) 1 Page - LUMEL S.A.

Part # DN2
Description  NUMERIC DISPLAYS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

DN2 Datasheet(HTML) 1 Page - LUMEL S.A.

  DN2 Datasheet HTML 1Page - LUMEL S.A. DN2 Datasheet HTML 2Page - LUMEL S.A. DN2 Datasheet HTML 3Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LUMEL S.A., ul. Słubicka 1, 65-127 Zielona Góra, Poland / tel.: +48 68 45 75 139/276/305/386, fax: +48 68 32 54 091 / e-mail:export@lumel.com.pl /
www.lumel.com.pl
LARGE SIZE
NUMERIC DISPLAYS
DN1, DN2, DN3 TYPES
APPLICATION
Digital displays of DN type can be applied for the visualisation of es-
sential parameters in automation and measurement processes when
supervising the quality or working safety.
Information put in a visible place helps in the efficient work in industrial
communication, logistics, automation and control technology, and material
handling. These displays are destined to be installed in: industrial plants,
sports objects, trade buildings and communication areas.
The character height ensures a good visibility and reading from a long
distance, up to 120 m.
Digit heights:
DN1 - 100 mm; DN2 - 200 mm; DN3 - 300 mm.
Digital displays are offered in four colours: red, green, yellow and
blue.
Basic installations are applied for measurements and indications of:
temperature, humidity, time, pressure, flow, rotations, pulses, and also
the gas content and material quantity. These DN displays together with
an external measuring element or transducer can display any physical
quantity and co-operate with external devices equipped with an RS-
TECHNICAL DATA
Power consumption of the single display module:
DN1
2 W
DN2
5 W
DN3
5 W
Read-out field:
DN1
100 mm (digit height)
DN2
200 mm
DN3
300 mm
Communication:
- serial interface
RS-485
- transmission protocol
MODBUS RTU/ASCII
Reaction against supply decay and recovery:
- preservation of configuration data
- continuation of work after supply recovery
Environmental and rated operating conditions:
- ambient temperature
-20...23...55°C
- storage temperature
-20... 80°C
- humidity
20... 80%
- supply
195... 253 V
- external magnetic field
0...40...400 A/m.
- working position
any
- preheating time
1 min
Standards fulfilled by the display:
Electromagnetic compatibility:
- immunity
acc. EN-50082-2
- emission
acc. EN-50081-2
Safety requirements:
acc. IEC 61010-1+A1 standard:
- insulation ensured through
the housing
double
- insulation between circuits
basic
- installation category
III
- pollution degree
2
- maximal phase-to-earth
working voltage
600 V a.c.
Protection grade ensured by
the housing
IP 54
Weight
depending on version
485 digital output with the MODBUS RTU/ASCII protocol.
The configuration of transmission parameters and measuring ranges
is made agree with the customer.
Each customer obtains a service manual together with the display
unit. The standard version includes the digital diode display field and
the unit field. The number of characters and the display colour are
expressed by the ordering code or defined by the customer.
The display field brightness is established automatically in accordance
with external conditions. The unit can be selected from the list inserted
DN1
DN2
DN3
Distance
[m]
CHOICE OF THE DISPLAY CHARACTER SIZE
In order to ensure the optimal read-out for each application one must
choose the appropriate height of the display digit.
Dependence between the read-out distan-
ce and the digit size


Similar Part No. - DN2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DN2 COPAL-DN2 Datasheet
71Kb / 2P
Electronic versus Mechanical Potentiometers
logo
Hirose Electric
DN2-10-20P HIROSE-DN2-10-20P Datasheet
776Kb / 6P
HIGH DENSITY MINIATURE CONNECTORS
DN2-10-20S HIROSE-DN2-10-20S Datasheet
776Kb / 6P
HIGH DENSITY MINIATURE CONNECTORS
DN2-10-28P HIROSE-DN2-10-28P Datasheet
776Kb / 6P
HIGH DENSITY MINIATURE CONNECTORS
DN2-10-28S HIROSE-DN2-10-28S Datasheet
776Kb / 6P
HIGH DENSITY MINIATURE CONNECTORS
More results

Similar Description - DN2

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MO456A-RD MICRO-ELECTRONICS-MO456A-RD Datasheet
72Kb / 2P
0.56 FOUR DIGIT NUMERIC DISPLAYS
MS132A-C MICRO-ELECTRONICS-MS132A-C Datasheet
68Kb / 2P
0.3 SINGLE DIGIT NUMERIC DISPLAYS
MS141A MICRO-ELECTRONICS-MS141A Datasheet
63Kb / 2P
0.4 SINGLE DIGIT NUMERIC DISPLAYS
MY134A-C MICRO-ELECTRONICS-MY134A-C Datasheet
72Kb / 2P
0.3 SINGLE DIGIT NUMERIC DISPLAYS
logo
Texas Instruments
TIL308 TI-TIL308 Datasheet
112Kb / 7P
NUMERIC DISPLAYS WITH LOGIC
logo
List of Unclassifed Man...
SA56-11 ETC-SA56-11 Datasheet
729Kb / 6P
14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Texas Instruments
TIL306 TI-TIL306 Datasheet
146Kb / 9P
NUMERIC DISPLAYS WITH LOGIC
logo
List of Unclassifed Man...
TOT5361 ETC1-TOT5361 Datasheet
104Kb / 1P
INCH THREE DIGIT Numeric displays
logo
Lite-On Technology Corp...
LTD-6000 LITEON-LTD-6000 Datasheet
959Kb / 9P
0.56 DUAL DIGIT NUMERIC DISPLAYS
logo
Texas Instruments
TIL304 TI-TIL304 Datasheet
102Kb / 7P
NUMERIC DISPLAYS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com