Electronic Components Datasheet Search
  English  ▼

X  

DN3 Datasheet(PDF) 3 Page - LUMEL S.A.

Part # DN3
Description  NUMERIC DISPLAYS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

DN3 Datasheet(HTML) 3 Page - LUMEL S.A.

  DN3 Datasheet HTML 1Page - LUMEL S.A. DN3 Datasheet HTML 2Page - LUMEL S.A. DN3 Datasheet HTML 3Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LUMEL S.A., ul. Słubicka 1, 65-127 Zielona Góra, Poland / tel.: +48 68 45 75 139/276/305/386, fax: +48 68 32 54 091 / e-mail:export@lumel.com.pl /
www.lumel.com.pl
EXAMPLE OF ORDER
Code DN 1 7 R Y 1 21 24 3 00 0 means:
DN - Large size numeric digital display
1 - digit height = 100 mm
7 - quantities are displayed in two rows of
3 digits (table 2)
R - colour of the first display field
Y - colour of the second display field
1 - to be fixed on a wall
21 - °C unit ( table 2)
24 - % H2O unit (table 2)
3 - with a temperature and humidity transducer
(table 3)
00 - standard version
0 - without an extra quality inspection certificate
ORDERING CODES
* After manufacturer’s agreement
** The code number will be established by the manufacturer
*** Concerns DN1
DIGITAL DISPLAY DN
X X X X X XX XX X XX X
Digit height:
100 mm..................................................................
1
200 mm..................................................................
2
300 mm..................................................................
3
Kind of display:
code acc. table 1 (exec. 8 concerns DN3)....................
X
on order * ......................................................................
9
Digit colour of the first display field:
red .......................................................................................
R
yellow...................................................................................
Y
green ...................................................................................
G
blue*** (concerns exec. 1...4 and 6 acc table 1)..................
B
Digit colour of the second display field:
lack of second field ......................................................................
0
red ..............................................................................................
R
yellow..........................................................................................
Y
green ..........................................................................................
G
blue .............................................................................................
B
Way of fixing:
on the wall ..........................................................................................
1
suspended ..........................................................................................
2
on order * ............................................................................................
9
Unit of the first display field:
code number of the unit acc. table 2 ........................................................
XX
on order * ..................................................................................................
99
Unit of the second display field:
code number of the unit acc. table 2 ...............................................................
XX
on order * .........................................................................................................
99
Quantity displayed and measuring device:
acc. table 3 ...............................................................................................................
X
on order * ..................................................................................................................
9
Version:
standard..........................................................................................................................
00
custom-made** ...............................................................................................................
XX
Acceptance tests:
without a quality certificate .....................................................................................................
0
with a quality certificate ..........................................................................................................
1
acc. customer’s agreement ** ................................................................................................
X
a
h
b
c
RS-485
230 V a.c.
A
5.4
O10.5
O 5.5 B
19
L
A
B
Display dimensions and layout of holes and fixing grips.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com