| Electronic Components Datasheet Search |
|
HT22IOT Datasheet(PDF) 2 Page - LUMEL S.A. |
|
|
|||||||||||||||||||||||||||||
HT22IOT Datasheet(HTML) 2 Page - LUMEL S.A. |
|
2 / 6 page ![]() www.lumel.com.pl 2 WHAT PARAMETERS CAN BE MEASURED BY HT22IoT? HT22IoT -ENVIRONMENTALPARAMETERMONITOR FEATURES Ethernet INPUTS OUTPUT RTC WEB server FTP server SMTP client @ • illuminance • totalvolatileorganiccompounds(TVOC) • CO 2 concentration • temperature, • relativehumidity, • dewpoint, • absolute humidity or the total mass of water vapour (in grams) present in 1m3 ofairinagiventemperature, • wet-bulbtemperature, • vapour pressure or the pressure at which, in a given temperature, the gas is at an equilibriumwiththefluid(equilibriumbetweenevaporationandcondensation), • enthlapy(totalheatcontent). HOW DOES HT22IoT WORK IN CASE THE PRE-SET PARAMETERS ARE EXCEEDED? The HT22IoT allows up to two defined warnings. Whenever the pre-set parameters areexceeded,theHT22IoTwillimmediatelysignalthisvia: • emails, • messagesonadedicatedwebsite, • specialsymbolsonthedisplay, • audiblealerts. Therefore,everytimetheHT22IoTisconnectedviaEthernetorRS-485,youwillalways havethemostup-to-dateinformationontheactualconditionofthemonitoredfacility. The HT22IoT is equipped with the Ethernet interface enabling its connection to the local or global network (either LAN orWAN).Thanks to the user-friendly and intuitive ‘www’ server, you will always have access to the information regarding: • currentmeasurementvalues, • devicestatus. The‘www’servercallalsoallowyouto: • configureit • readtheserialnumber,manufacturingcode,softwareversionandbootloader version. The built-in FTP server allows for fast and easy access to archive data files from the level of web browser or from other FTP clients. The DHCP protocol provides automatic configuration of the monitor in the computer network, whereas the SMTP protocol is responsible for sending the warnings via emails. The HT22IoT monitor can also work in more extensive systems where the communication protocol Modbus Slave TCP/IP provides a smooth and reliable reading of all current measurement data. ETHERNET INTERFACE AND ITS FUNCTIONALITY MEASUREMENTS ARCHIVE Thanks to the dedicated website, you can also check the archive data using a smartphone, tablet or a PC. There is no need to be worried about insufficient memory on the device; the HT22IoT has an 8GB internal file system memory where the data form the internal memory buffer (4GB) is automatically recorded as files. The memory has a form of a circular buffer and after the storage is full, the oldest files are overwritten. The internal archive can be read, copied and/or deleted. oC Lx TVOC CO2 IP: 89.175.20.10 IP: 89.184.30.45 IP: 89.168.40.50 IP: 89.168.11.20 Ethernet/ internal network HT22IoT HT22IoT HT22IoT HT22IoT EXAMPLE OF APPLICATION |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |