Electronic Components Datasheet Search
  English  ▼

X  

KD7 Datasheet(PDF) 2 Page - LUMEL S.A.

Part # KD7
Description  screen recorder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

KD7 Datasheet(HTML) 2 Page - LUMEL S.A.

  KD7 Datasheet HTML 1Page - LUMEL S.A. KD7 Datasheet HTML 2Page - LUMEL S.A. KD7 Datasheet HTML 3Page - LUMEL S.A. KD7 Datasheet HTML 4Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
See alSo:
Export department:
Tel.: +48 68 45 75 139 /
/276/386
Fax: +48 68 32 54 091
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Sulechowska 1
65-022 Zielona Góra
POLAND
WWW.LUMEL.COM.PL
External features
Supply voltage
90...253 V a.c. (40...50...400) Hz or
90...300 V d.c.
18...30 V d.c.
input power  30 VA
Temperature
operating: 0 .. 23 .. 55°C
storage: -20 .. 60°C
Humidity
< 70%
condensation inadmissible
Rated operating conditions
Display field
LCD 5.7’’ TFT type
320 x 240 pixels, with touch screen
Overall dimensions
144 x 144 mm
panel cut-out dimensions: 138+1 x 138+1 mm
Weight
< 2 kg
Protection grade
from frontal side: IP65
from terminal side: IP20
Safety and compatibility requirements
Electromagnetic compatibility
noise emissions
acc. to EN 61000-6-4
noise immunity
acc. to EN 61000-6-2
Isolation between circuits
500 V d.c.
acc. to EN 61010-1
Isolation between supply
and measuring system
2 kV
Pollution level
2
Installation category
II
Maximal operating voltage
in relation to earth
for the measuring system, relays and
supply: 500 V
acc. to EN 61010-1
Altitude above sea level
< 2000 m
Inputs
Input signal
Measuring range/ Accuracy class (%)
Minimal subrange/ Accuracy class (%)
Voltage
0 .. ±9999 mV
0.15
5 mV
0.25
Current
0 .. ±20 mA
0.15
1 mA
Thermocouple (TC):
J (Fe-CuNi)
-200 .. 1200°C
0.1
100°C
1
K (NiCr-NiAl)
-200 .. 1370°C
130°C
0.7
N (NiCrSi-NiSi)
-200...1300°C
200°C
0.5
E (NiCr-CuNi)
-200...1000°C
100°C
1
R (PtRh13-Pt)
0 .. 1760°C
0.2
540°C
0.3
S (PtRh10-Pt)
0 .. 1760°C
570°C
0.3
T (Cu-CuNi)
-200 .. 400°C
0.1
110°C
0.9
B (PtRh30-PtRh6)
400 .. 1820°C
0.2
1000°C
0.2
L (GOST)
-200 .. 800°C
0.1
90°C
0.2
K (GOST)
-200 .. 1370°C
130°C
0.7
Resistance transmitter (RTD):
Pt 100
-200 .. 850°C
0.15
50°C
0.25
Pt 500
0.3
0.5
Pt 1000
0.3
Ni 100
-60 .. 180°C
0.15
0.25
Cu 100
-50 .. 180°C
GR.21 (GOST’78) (GOST’94)
-260 .. 1100°C
50P (GOST’78) (GOST’94)
100P (GOST’78)
100P (GOST’94)
-200 .. 200°C
50M (GOST’78) (GOST’94)
100M (GOST’78) (GOST’94)
Potentiometric transmitter
50 .. 2000 W
100 W
Resistance transmitter
0 .. 2000 W
100 W
Logic input
control signal 0/5 .. 24 V d.c.
switching frequency up to 50 Hz
SoftwareS
aSSiSting the
kd
7 recorder
work:
KD ARCHIVE
Software desti-
ned to review
and analyse
archive data
from the
recorder on a PC
computer, stored
in a binary
format with
digital signature.
KD7 SETUP
Software
destined to
configure
recorder settings
by means of a PC
computer.
KD7 screen recorder
Digital interface
Interface type
Properties
RS-485
2 interfaces: MODBUS Slave and Master, baud rate 0.3 .. 256 kbit/s, transmission mode ASCII/ RTU
RS-232
interface: MODBUS Slave, baud rate 0.3 .. 256 kbit/s, transmission mode ASCII/ RTU
USB
Device V.1.1, socket USBB-G
ETHERNET
10 Base-T, socket RJ45, MODBUS Slave TCP/IP, FTP and WWW server
Outputs
Output type
Properties
Analog
- current: 0 .. 5 mA, 0 .. 20 mA lub 4 ..20 mA, load resistance < 500 W
- voltage: 0 .. 5 V, 1 ..5 V, 0 .. 10 V
Relay
- electromagnetic relays:  250 V a.c./1 A or  30 V d.c./1 A
- OptoMOS relays:  85 V d.c., 100 mA or  60 V a.c., 70 mA
Output to supply object transducers - 2 outputs 24 V d.c./ 30 mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com