Electronic Components Datasheet Search
  English  ▼

X  

USB2226 Datasheet(PDF) 15 Page - SMSC Corporation

Part # USB2226
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2226 Datasheet(HTML) 15 Page - SMSC Corporation

Back Button USB2226 Datasheet HTML 11Page - SMSC Corporation USB2226 Datasheet HTML 12Page - SMSC Corporation USB2226 Datasheet HTML 13Page - SMSC Corporation USB2226 Datasheet HTML 14Page - SMSC Corporation USB2226 Datasheet HTML 15Page - SMSC Corporation USB2226 Datasheet HTML 16Page - SMSC Corporation USB2226 Datasheet HTML 17Page - SMSC Corporation USB2226 Datasheet HTML 18Page - SMSC Corporation USB2226 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
Datasheet
SMSC USB2226
15
Revision 1.4 (10-08-07)
DATASHEET
CF_nPWR
105
I/O8
CF Card Power Control:
This active low output is intended to drive an external power control
P-FET which will supply the CF card with power.
SM/xD_PWR
79
I/O8
SM / xD Card Power drive of 3.3V @ 100mA.
SD/MMC_PWR
44
I/O8
SD / MMC Card Power drive of 3.3V @ 200mA.
CLK_SEL[1:0]
92
93
I/O8
Clock Select:
These pins will select the maximum clock rate that the interface will
operate at.
nRESET
115
IS
RESET input:
This active low signal is used by the system to reset the chip. The
active low pulse should be at least 1
μs wide.
nTEST[1:0]
95
96
I
TEST input:
These signals are used for testing the chip. User should normally tie
them high externally, if the test function is not used.
DIGITAL POWER, GROUNDS, and NO CONNECTS
VDD18
49
106
1.8v Digital Core Power:
+1.8V Core power
All VDD18 pins must be connected together on the circuit board.
VDD33
3
43
80
100
108
109
3.3v Power & Voltage Regulator Input:
3.3V Power & Regulator Input.
pins 100 & 108 supply 3.3V power to the internal 1.8V regulators.
VSS
15
16
47
84
85
97
112
Ground:
Ground Reference
SYMBOL
128-PIN
VTQFP
BUFFER
TYPE
DESCRIPTION
Table 5.1 CLK_SEL[1:0] Assignments
CLK_SEL1
CLK_SEL0
CLOCK RATE
X
1
SD/MMC and MS max clock
is 15Mhz
0
0
SD/MMC max clock is 48Mhz;
MS clock is set normally
1
0
SD/MMC max clock is 24Mhz;
MS clock is set normally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com