Electronic Components Datasheet Search
  English  ▼

X  

USB2250 Datasheet(PDF) 15 Page - SMSC Corporation

Part # USB2250
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2250 Datasheet(HTML) 15 Page - SMSC Corporation

Back Button USB2250 Datasheet HTML 11Page - SMSC Corporation USB2250 Datasheet HTML 12Page - SMSC Corporation USB2250 Datasheet HTML 13Page - SMSC Corporation USB2250 Datasheet HTML 14Page - SMSC Corporation USB2250 Datasheet HTML 15Page - SMSC Corporation USB2250 Datasheet HTML 16Page - SMSC Corporation USB2250 Datasheet HTML 17Page - SMSC Corporation USB2250 Datasheet HTML 18Page - SMSC Corporation USB2250 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
SMSC USB2250/51/59
15
Revision 2.6 (05-08-08)
DATASHEET
CF Data 7-0 /
GPIO
CF_D[7:0] /
GPIO[23:16]
69
67
63
61
59
88
86
85
I/O12PD
CF_D[7:0]: The bi-directional data signals CF_D7
- CF_D0 in the True IDE mode data transfer. In
the True IDE Mode, all of the task file register
operations occur on the CF_D[7:0], while the data
transfer is on CF_D[15:0].
The bi-directional data signal has an internal weak
pull-down resistor.
I/O12
GPIO[23:16]: These Pins are GPIOs if
CF_INTF_EN bit of CFC_ATA_MODE CTL is
disabled and EXTENDED_GPIO bit is set in
UTIL_CONFIG1 is enabled.
IO Ready
CF_IORDY
80
IPU
This pin is active high input signal for IORDY.
This pin has an internal weak pull-up resistor that
can be controlled by:
CF_INTF_EN bit of CFC_ATA_MODE CTL
CF Card
Detection1
CF_nCD
(GPIO13)
58
I/O12
This is a GPIO designated as the Compact Flash
card detection pin.
CF Hardware
Reset
CF_nRESET
79
O12
This pin is an active low hardware reset signal to
CF device.
CF IO Read
CF_nIOR
72
O12
This pin is an active low read strobe signal for CF
device.
CF IO Write
Strobe
CF_nIOW
73
O12
This pin is an active low write strobe signal for CF
device.
CF DMA
request
CF_DMARQ /
GPIO2 / RXD
117
I
CF_DMARQ: This pin is the DMA request from
the device to the CF controller.
I/O12
GPIO: This pin may be used either as input, edge
sensitive interrupt input, or output.
I
RXD: The signal can be used as input to the RXD
of UART in the device, when the TXD_RXD_SEL
bit in UTIL_CONFIG1 register is cleared to "0".
CF DMA
acknowledge
CF_nDMACK/
GPIO / TXD
119
O12
CF_nDMACK: This pin is an active low dma
acknowledge signal for CF device.
I/O12
GPIO: This pin may be used either as input, edge
sensitive interrupt input, or output.
O12
TXD: In addition, as an output, the GPIO7 can be
used as an output TXD of UART in the device,
when the GPIO2/TXD bit in UTL_CONFIG register
is set to "1"
SMART MEDIA INTERFACE
SM Write
Protect
SM_nWP
47
O12PD
This pin is an active low write protect signal for the
SM device.
This pin has a weak pull-down resistor that is
permanently enabled.
Table 5.1 USB2250/51/59 128-Pin VTQFP Pin Descriptions (continued)
NAME
SYMBOL
128-PIN
VTQFP
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com