Electronic Components Datasheet Search
  English  ▼

X  

USB2514I Datasheet(PDF) 15 Page - SMSC Corporation

Part # USB2514I
Description  Industrial Temperature Rated USB 2.0 High-Speed 4-Port Hub Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2514I Datasheet(HTML) 15 Page - SMSC Corporation

Back Button USB2514I Datasheet HTML 11Page - SMSC Corporation USB2514I Datasheet HTML 12Page - SMSC Corporation USB2514I Datasheet HTML 13Page - SMSC Corporation USB2514I Datasheet HTML 14Page - SMSC Corporation USB2514I Datasheet HTML 15Page - SMSC Corporation USB2514I Datasheet HTML 16Page - SMSC Corporation USB2514I Datasheet HTML 17Page - SMSC Corporation USB2514I Datasheet HTML 18Page - SMSC Corporation USB2514I Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
Industrial Temperature Rated USB 2.0 High-Speed 4-Port Hub Controller
Datasheet
SMSC USB2514i
15
Revision 1.98 (11-19-07)
DATASHEET
Notes:
Table 3.2 SMBus or EEPROM Interface Behavior
CFG_SEL2
CFG_SEL1
CFG_SEL0
SMBUS OR EEPROM INTERFACE BEHAVIOR
36-Pin
QFN
N/A
0
0
Internal Default Configuration
Strap Options Enabled
Port Indicators Not Supported
48-Pin
QFN
00
0
36-Pin
QFN
N/A
0
1
Configured as an SMBus slave for external download
of user-defined descriptors.
SMBus slave address 58 (0101100x)
Strap Options Disabled
All Settings Controlled by Registers
48-Pin
QFN
00
1
36-Pin
QFN
N/A
1
0
Internal Default Configuration
Strap Options Enabled
Bus Power Operation
LED Mode = USB
48-Pin
QFN
01
0
36-Pin
QFN
N/A
1
1
2-Wire I2C EEPROMS are supported.
Strap Options Disabled
All Settings Controlled by Registers
48-Pin
QFN
01
1
48-Pin
QFN
1
0
0
Internal Default Configuration
Strap Options Disabled
Dynamic Power Switching Enabled
48-Pin
QFN
1
0
1
Internal Default Configuration
Strap Options Disabled
Dynamic Power Switching Enabled
LED Mode = USB
48-Pin
QFN
1
1
0
Internal Default Configuration
Strap Options Disabled
48-Pin
QFN
1
1
1
Internal Default Configuration
Strap Options Disabled
LED Mode = USB
Ganged Power Switching
Ganged Over-Current Sensing
Denotes 48-Pin QFN
Denotes 36-Pin QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com