Electronic Components Datasheet Search
  English  ▼

X  

USB3316 Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB3316
Description  Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3316 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB3316 Datasheet HTML 5Page - SMSC Corporation USB3316 Datasheet HTML 6Page - SMSC Corporation USB3316 Datasheet HTML 7Page - SMSC Corporation USB3316 Datasheet HTML 8Page - SMSC Corporation USB3316 Datasheet HTML 9Page - SMSC Corporation USB3316 Datasheet HTML 10Page - SMSC Corporation USB3316 Datasheet HTML 11Page - SMSC Corporation USB3316 Datasheet HTML 12Page - SMSC Corporation USB3316 Datasheet HTML 13Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
Revision 1.7 (03-17-08)
10
SMSC USB3316
PRODUCT PREVIEW
Figure 5 USB3316 VFBGA Application Diagram
USB
Connector
5 Volt
Supply
3.1-5.5V
Battery /
Supply
C
VBUS
Host/OTG Only
C
VBUS
Host
Device
OTG Device
Min
120uF
1uF
1uF
Max
10uF
6.5uF
VBUS
ID
VDD3.3
DM
DP
VDD1.8
VBAT
1.8V
Supply
12
NXT
DIR
STP
CLKOUT
DATA0
DATA2
DATA3
DATA1
REFCLK
DATA4
DATA6
DATA7
(msb)
DATA5
RESETB from Link
SPKR_R/M
ULPI Interface
8.06K
Ω
RBIAS
B3
C2
A1
B1
A3
A4
A5
D5
B5
A2
C1
D1
E1
D2
B4
C5
C4
E5
D4
E4
D3
E2
B2
3x3mm
VFBGA
25 Ball Array
0.5mm Pitch
REFCLK and CLKOUT should be
isolated with a ground line on both
sides.
SPKR_L
E3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com