Electronic Components Datasheet Search
  English  ▼

X  

SC9481 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC9481
Description  MCX Jack PCB Connector Thru Hole Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC9481 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC9481 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC9481 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC9481 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1.1 Page 1 of 3
Copyright © 2019
MCX jack connector with solder attachment for thru hole PCB, part number
SC9481, from Fairview Microwave is in-stock and ships same day. This MCX jack
connector operates up to a maximum frequency of 6 GHz and offers excellent
VSWR of 1.25:1.
Fairview’s MCX jack connector SC9481 datasheet specifications and outline
drawing are shown in this PDF below. Our extensive offering of RF, microwave
and millimeter wave connectors allows designers to configure and customize their
signal connections however they like. From providing an I/O for a board design
to creating a custom cable assembly configuration, Fairview Microwave has a
connector solution to meet your needs. Fairview Microwave also has the expertise
to build your custom cable assemblies for you and ship them same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
6
GHz
VSWR
1.25:1
.
Mechanical Specifications
Size
Length
0.218 in [5.54 mm]
Width/Dia.
0.177 in [4.50 mm]
Height
0.236 in [5.99 mm]
.
Weight
0.003 lbs [1.36 g]
.
Material Specifications
.
Description
Material
Plating
Contact
Beryllium Copper
Gold
MIL-G-45204
.
Insulation
PTFE
.
Outer Conductor
Brass
Gold
.
Body
Brass
Gold
MIL-G-45204
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SC9481
DATA SHEET
MCX Jack PCB Connector Thru Hole Solder
Attachment
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• MCX Jack Connector
• 50 Ohms
• Straight Body Geometry
• Thru Hole Interface Type
• Solder Attachment
Features:
• Operating Frequency
of 6 GHz Max.
• Excellent VSWR of 1.25:1
• Gold Plated Beryllium
Copper Contact
• Contact plating according
to MIL-G-45204
Applications:
• General Purpose Test
• PCB Applications


Similar Part No. - SC9481

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC948100 ETC1-SC948100 Datasheet
84Kb / 2P
Relais statique monophase de puissance Power Solid State Relay
More results

Similar Description - SC9481

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44303 PASTERNACK-PE44303 Datasheet
202Kb / 2P
MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4555 PASTERNACK-PE4555 Datasheet
204Kb / 2P
MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
PE4889 PASTERNACK-PE4889 Datasheet
214Kb / 2P
MCX Jack Connector Solder Attachment Surface Mount PCB
PE44375 PASTERNACK-PE44375 Datasheet
203Kb / 2P
RP MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44661 PASTERNACK-PE44661 Datasheet
228Kb / 3P
MCX Jack Connector Solder Attachment End Launch PCB
PE4555 PASTERNACK-PE4555_16 Datasheet
318Kb / 3P
MCX Jack Connector Solder Attachment Thru Hole PCB
PE4556 PASTERNACK-PE4556_17 Datasheet
362Kb / 4P
MCX Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4559 PASTERNACK-PE4559_16 Datasheet
324Kb / 4P
MCX Plug Connector Solder Attachment Thru Hole PCB
PE4174 PASTERNACK-PE4174_16 Datasheet
345Kb / 3P
SMB Jack Connector Solder Attachment Thru Hole PCB
PE4175 PASTERNACK-PE4175_16 Datasheet
347Kb / 3P
SMC Jack Connector Solder Attachment Thru Hole PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com