Electronic Components Datasheet Search
  English  ▼

X  

9027 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 9027
Description  1077 Milliamp Transducer Simulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9027 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  9027 Datasheet HTML 1Page - Time Electronics Ltd. 9027 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Time Electronics
1077 Milliamp Transducer Simulator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v2b
07/22
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Technical Specifications
Current source and load
Output..........................................................................0 to 100 mA in 3 ranges.
......................................................................................0 to 99.99 mA in 10 μA steps.
......................................................................................0 to 9.999 mA in 1 μA steps.
......................................................................................0 to 999.9 μA in 0.1 μA steps.
Accuracy .....................................................................± (0.02 % of setting + 0.02 % of range + 0.2 μA).
Output stability ...........................................................Less than 60 ppm/°C. Less than 25 ppm per hour at constant temperature.
Output noise ...............................................................Less than 15 ppm of full scale.
Drive voltage...............................................................Adjustable from 14 to 40 V (Source mode).
Drive power.................................................................2.4 W maximum.
Applied voltage...........................................................3 V minimum to 40 volts maximum (Load mode).
Voltage limit indicator ................................................Provides indication of insufficient drive voltage.
24 Volt line simulation
24 V Line simulation...................................................Adjustable 14 V to 40 V, 100 mA current limit, maximum output power 2.4 watts.
Display.........................................................................A 3.5 digit (1999 max) LCD display indicating line current.
Measure range............................................................0 to 20 mA.
Resolution ...................................................................10 μA.
Accuracy .....................................................................0.2 % of reading + 1 count.
General Specifications
Dimensions .................................................................200 x 75 x 110 mm (215 x 100 x 120 mm including protective cover).
Weight..........................................................................1.1 kg (1.5 kg including protective cover).
Power supply ..............................................................NiMH rechargeable batteries with external mains recharger (supplied).
Optional extras ...........................................................Carry case.
......................................................................................Calibration certificates: Traceable (Factory) and accredited (ISO 17025).
Country of origin.........................................................UK.
Ordering Information
1077 .............................................................................TranSim: Milliamp Transducer Simulator
9027..............................................................................Carry case
C158.............................................................................Traceable calibration certificate (Factory)
C108.............................................................................Accredited calibration certificate (ISO 17025)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com