Electronic Components Datasheet Search
  English  ▼

X  

5065 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 5065
Description  5025 Multifunction Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

5065 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  5065 Datasheet HTML 1Page - Time Electronics Ltd. 5065 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Time Electronics
5025 Multifunction Calibrator
www.timeelectronics.com
• 0 to 1050V AC/DC voltage
• 0 to 22A AC/DC current
• 1Ω to 1GΩ resistance
• Thermocouple simulation
• Digital frequency
• Optional oscilloscope calibration
• Optional PT100 simulation
• Capacitance and inductance option
• Power calibration option
• Clamp meter calibration (with adaptor)
• GPIB, RS232 and USB Interface
DESCRIPTION
A high performance multi-product calibrator that provides the foundation for fast and cost-effective calibration.
Designed for a wide workload the 5025 can be used to accurately test and verify both traditional and new
test equipment.
The standard unit is fitted with AC/DC voltage to 1050V, AC/DC current to 22A, digital frequency to 10MHz,
decade resistance to 1GΩ, conductance and thermocouple simulation. Further options enhance calibration
capabilities and can be added as per customer requirement.
MULTI INSTRUMENT CALIBRATION
The 5025 can calibrate various instruments and devices; digital and analogue multimeters, frequency
meters, ohm meters, AC/DC millivoltmeters, thermocouple and PT100 meters, clamp meters, timer counters,
oscilloscopes, and much more.
SIMPLE OPERATION
Functions and ranges are easily accessed from the front panel. Increase and decrease keys per digit, are
used to quickly set the output value. Deviation control then enables the user to finely adjust the output value
as a percentage (+/- 9.999%). All this information is shown on a clear, easy to read LED display.
FLEXIBLE OPTIONS
A range of options provide added functionality and features. Internal additions include capacitance and
inductance, wideband AC voltage, full range resistance (incorporating PT100 simulation), power calibration,
and oscilloscope calibration. External adaptors are available for clamp meter calibration (up to 1100A),
optical tachometer calibration, and torque wrench calibration. Also available is a power amplifier which
increases the 5025’s AC/DC voltage output drive capabilities to 100mA. This addition allows even the most
demanding analogue instruments to be tested.
CALIBRATION MADE EASY
Connect the 5025 to a PC/Laptop (via RS232, GPIB or USB)
installed with Time Electronics’ EasyCal software and automate
the calibration process. This provides increased speed of
calibration and consistency of results. Easily produce calibration
certificates and reports to ISO 9001, ISO 17025, and other
international quality standards.


Similar Part No. - 5065

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5065 AEROFLEX-5065 Datasheet
43Kb / 1P
ADAPTERS, BETWEEN SERIES 2.4mm / 3.5mm, DC - 34 GHz
logo
List of Unclassifed Man...
5065 ETC2-5065 Datasheet
172Kb / 1P
SMA MALE TO SMA MALE RADIUS RIGHT ANGLE ADAPTER
logo
Time Electronics Ltd.
5065 TIME-ELECTRONICS-5065 Datasheet
1Mb / 2P
5065 Bench Digital Multimeter
03/20
logo
List of Unclassifed Man...
5065-2 ETC2-5065-2 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
logo
Molex Electronics Ltd.
50654-1001 MOLEX7-50654-1001 Datasheet
97Kb / 2P
1.01mm (.040") Tab-Type Female Crimp Terminal, Low Insertion Force Type, Tin Plated, AVS (CAV) 0.3, 0.5, 0.85mm짼;
More results

Similar Description - 5065

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
422123 EXTECH-422123 Datasheet
99Kb / 10P
Precision Multifunction Calibrator
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
Molex Electronics Ltd.
0015311122 MOLEX1-0015311122 Datasheet
175Kb / 2P
SD-5025-12R1
logo
Extech Instruments Corp...
PRC30 EXTECH-PRC30 Datasheet
101Kb / 2P
PRC30 Multifunction Process Calibrator
412400 EXTECH-412400_15 Datasheet
216Kb / 1P
Oyster짰 Multifunction Process Calibrator
logo
TE Connectivity Ltd
440423 TEC-440423 Datasheet
133Kb / 2P
SHIELD FINGER 5025
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com