Electronic Components Datasheet Search
  English  ▼

X  

P1C Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # P1C
Description  2.5mm & 3.5mm JACK PLUGS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

P1C Datasheet(HTML) 1 Page - Electronic Components Ltd.

  P1C Datasheet HTML 1Page - Electronic Components Ltd. P1C Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CLIFF
Drawings available on request. Contact sales@cliffuk.co.uk
2.5mm & 3.5mm
JACK PLUGS
Features
● Low profile barrels available in 2.5mm and 3.5mm.
● Manufactured from solid nickel plated brass.
● Metal cable clamps.
● Incorporate molded plastic insulators.
● Riveted construction.
● Covers are ABS.
JPO-25
2.5mm unscreened Jack Plug. Black plastic
body only. Careful soldering assembly
required.
Max. cable Ø3.5mm.
P6C
2.5mm and 3.5mm mono unscreened Jack
Plug. Allows larger cable use.
P6C-A - 3.5mm model. Cable entry Ø5.3mm
P6C-D - 2.5mm model. Cable entry Ø4.0mm
Also available subject to minimum quantity
are models with low profile barrel and strain
relief. Refer to Sales.
JPS-35
3.5mm stereo unscreened Jack Plug. Black
plastic body only.
JPS-35G. Gold plated version.
Max. cable Ø5mm.
CLIFF ™ is our Registered Trademark


Similar Part No. - P1C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P1C OMRON-P1C Datasheet
548Kb / 6P
PLC Splitter Module
P1C16A-MFAU1 OMRON-P1C16A-MFAU1 Datasheet
548Kb / 6P
PLC Splitter Module
P1C16A-MFAU2 OMRON-P1C16A-MFAU2 Datasheet
548Kb / 6P
PLC Splitter Module
P1C16A-MFBU1 OMRON-P1C16A-MFBU1 Datasheet
548Kb / 6P
PLC Splitter Module
P1C16A-MFBU2 OMRON-P1C16A-MFBU2 Datasheet
548Kb / 6P
PLC Splitter Module
More results

Similar Description - P1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MJ-2505 ETC1-MJ-2505 Datasheet
43Kb / 1P
2.5mm AUDIO JACK-MONO
logo
Emerson Network Power
ADT-2735-FF-3MM-02-01 EMERSON-NETWORKPOWER-ADT-2735-FF-3MM-02-01 Datasheet
72Kb / 1P
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE
logo
Adam Technologies, Inc.
ASJ-96-3 ADAM-TECH-ASJ-96-3 Datasheet
75Kb / 1P
3.5MM PHONE JACK
logo
List of Unclassifed Man...
JR8307-1.5M ETC2-JR8307-1.5M Datasheet
211Kb / 1P
2.5mm DC Plug to 2.5mm DC Jack
logo
CUI INC
MJ1-2502 CUI-MJ1-2502 Datasheet
44Kb / 2P
2.5mm AUDIO JACK-MONO
MJ-3536 CUI-MJ-3536 Datasheet
263Kb / 2P
3.5MM AUDIO JACK
SJ1-2503A CUI-SJ1-2503A Datasheet
24Kb / 1P
2.5mm STEREO JACK
MJ-2505 CUI-MJ-2505 Datasheet
25Kb / 1P
2.5mm AUDIO JACK - MONO
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
logo
Kycon, Inc.
STX2000 KYCON-STX2000 Datasheet
396Kb / 1P
2.5mm Audio Jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com