Electronic Components Datasheet Search
  English  ▼

X  

P149X Datasheet(PDF) 2 Page - Electronic Components Ltd.

Part # P149X
Description  Test & Instrumentation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

P149X Datasheet(HTML) 2 Page - Electronic Components Ltd.

  P149X Datasheet HTML 1Page - Electronic Components Ltd. P149X Datasheet HTML 2Page - Electronic Components Ltd. P149X Datasheet HTML 3Page - Electronic Components Ltd. P149X Datasheet HTML 4Page - Electronic Components Ltd. P149X Datasheet HTML 5Page - Electronic Components Ltd. P149X Datasheet HTML 6Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ø2mm. and Ø4mm. Plugs for cable connection
We have 10 basic models with numerous options / variations.
Please discuss complex plug rating issues with our Engineering Dept.
RATED
V
RATED
CAT
P18
P18S
P14X
P14XAS
P14XB
P149X
Unshrouded 2mm. plug. Supplied unassembled.
Mates with S18S
Shrouded 2mm. plug. Supplied unassembled.
Mates with S18.
Unshrouded 4mm. plugs, supplied unassembled.
4mm. shrouded plug (can be with or without rating)
Nickel plated.
4mm. plug with retractable shroud and cable
restraint collet. Nickel plated.
4mm. fixed shroud plug with cable restraint collet.
Nickel plated.
4mm. fixed shroud plug 90
° with cable restraint
collet. Tin / Nickel plated.
P16 - 4mm. shrouded stackable plug with pressed
metal contact. Gold plated.
P16N - 4mm. shrouded stackable plug with lantern
style contact. Screw connection. Nickel plated.
P17 - 4mm. unshrouded stackable plug with
pressed metal contact. Gold plated.
P16N - 4mm. unshrouded stackable plug with
lantern style contact. Screw connection. Ni plated.
4mm. 5 /10 or 12KV rated plugs for HV applications.
Not intended for mains use, so no CAT rating.
Special connector for HV testing.
1000
1000
1000
1000
300
600
5000
10000
12000
III
II
III
III
II
II
600
II
P20
P17
P17N
P16
P16N
30VAC
60VDC
30VAC
60VDC
10A
10A
MAX
P14
P15



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com