Electronic Components Datasheet Search
  English  ▼

X  

P16 Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # P16
Description  Test & Instrumentation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

P16 Datasheet(HTML) 1 Page - Electronic Components Ltd.

  P16 Datasheet HTML 1Page - Electronic Components Ltd. P16 Datasheet HTML 2Page - Electronic Components Ltd. P16 Datasheet HTML 3Page - Electronic Components Ltd. P16 Datasheet HTML 4Page - Electronic Components Ltd. P16 Datasheet HTML 5Page - Electronic Components Ltd. P16 Datasheet HTML 6Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Test & Instrumentation
PARTS & ACCESSORIES
The CLIFF range of test lead and instrument parts is made from high grade
engineering plastics and precision metal parts. The parts comply with EN61010 Sec
2-031 where applicable. Parts are available for up to 10KV with various CAT ratings.
All products conform to CE norms and comply with RoHS / REACH requirements.
The range comprises :-
4mm. Ø test plugs and chassis sockets
2mm. Ø test plugs and chassis sockets
Unfused (cable end) test prods. 1KV
Fused (cable end) test prods. 1+KV
Crocodile clips. Insulated and non insulated
‘Standard’ assembled test leads
Custom assembled test lead sets
Contact our Sales or Engineering when specifying or querying your needs.


Similar Part No. - P16

ManufacturerPart #DatasheetDescription
logo
Semikron International
P16 SEMIKRON-P16 Datasheet
904Kb / 4P
For all isolated power modules
logo
Vishay Siliconix
P16 VISHAY-P16 Datasheet
127Kb / 5P
Knob Potentiometer
19-Dec-07
P16 VISHAY-P16 Datasheet
134Kb / 5P
Knob Potentiometer
19-Mar-12
P16 VISHAY-P16 Datasheet
115Kb / 5P
Knob Potentiometer
17-Nov-17
P16 VISHAY-P16 Datasheet
245Kb / 7P
Knob Potentiometer
14-Dec-2022
More results

Similar Description - P16

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
Test Instrumentation
logo
Analog Devices
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
Test Instrumentation
HMC561 AD-HMC561 Datasheet
391Kb / 6P
Test Instrumentation
HMC575LP4 AD-HMC575LP4 Datasheet
314Kb / 6P
Test Instrumentation
HMC579 AD-HMC579 Datasheet
298Kb / 6P
Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
Test Instrumentation
HMC606LC5 AD-HMC606LC5 Datasheet
407Kb / 6P
Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
Test Instrumentation
HMC369LP3 AD-HMC369LP3 Datasheet
353Kb / 6P
Test Instrumentation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com