Electronic Components Datasheet Search
  English  ▼

X  

BA65ARRB Datasheet(PDF) 1 Page - Optronics International

Part # BA65ARRB
Description  Discontinued - Sealed Fender Lights
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

BA65ARRB Datasheet(HTML) 1 Page - Optronics International

  BA65ARRB Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
BA65 FENDER LIGHT SERIES
Discontinued ­ Sealed Fender Lights
Sonically sealed, waterproof
PC rated design includes two bulbs
Multiple mounting and wiring options available
Single wire design grounds through mounting hardware
Two­wire design includes both lead and ground wires
Available in bulk and polypack packaging
Three Year Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
BA65ARLB
BA65ARLBP
DISCONTINUED ­ Red/Yellow fender light
assembly, left side: MC65AB and MC65RB
sealed marker lights in fender mount bracket,
hard wired (black=power), self grounding
25
BA65ARRB
BA65ARRBP
DISCONTINUED ­ Red/Yellow fender light
assembly, right side: MC65AB and MC65RB
sealed marker lights in fender mount bracket,
hard wired (black=power), self grounding
25
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
P2 P3 PC
MATERIALS:
Polycarbonate lens and housing, plastic bracket
VOLT/AMP:
12.8VDC ­ 0.8A
WT/DIMS:
.375 lbs. / 9.188” x 4.688” x 1.875”
WARRANTY:
Three Year Warranty


Similar Part No. - BA65ARRB

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6506F ROHM-BA6506F Datasheet
139Kb / 5P
2-Phase Half-Wave Pre Driver for Fan Motor
BA6506F ROHM-BA6506F Datasheet
402Kb / 16P
Two-Phase Half-Wave Pre Driver Fan Motor Driver
BA6506F ROHM-BA6506F_12 Datasheet
402Kb / 16P
Two-Phase Half-Wave Pre Driver Fan Motor Driver
BA6527A ROHM-BA6527A Datasheet
242Kb / 3P
MonolithicICs
BA6566 ROHM-BA6566 Datasheet
154Kb / 9P
Speech network
More results

Similar Description - BA65ARRB

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CRIMPFOX-50 PHOENIX-CRIMPFOX-50 Datasheet
79Kb / 3P
Discontinued item
CRIMPFOX-UC-6 PHOENIX-CRIMPFOX-UC-6 Datasheet
73Kb / 2P
Discontinued item
CRIMPFOX-UD-10-4 PHOENIX-CRIMPFOX-UD-10-4 Datasheet
77Kb / 2P
Discontinued item
CRIMPFOX-ZA-6-3 PHOENIX-CRIMPFOX-ZA-6-3 Datasheet
75Kb / 2P
Discontinued item
logo
OSRAM GmbH
GWQSLM31.QM OSRAM-GWQSLM31.QM Datasheet
4Mb / 25P
Area Lights
logo
Banner Engineering Corp...
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
LEDxR90S Series Sealed Ring Lights
logo
Balluff Korea Ltd.
BAE00WA BALLUFF-BAE00WA Datasheet
118Kb / 2P
Machine Lights
0.41_2021-09-01
BAE00Y4 BALLUFF-BAE00Y4 Datasheet
117Kb / 2P
Machine Lights
0.44_2021-05-20
BAE011E BALLUFF-BAE011E Datasheet
121Kb / 2P
Machine Lights
0.24_2021-05-20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com