Electronic Components Datasheet Search
  English  ▼

X  

BU70 Datasheet(PDF) 1 Page - Optronics International

Part # BU70
Description  Sealed Back-Up Lights
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

BU70 Datasheet(HTML) 1 Page - Optronics International

  BU70 Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
BU70 SERIES
Sealed Back­Up Lights
6” oval recess mount back­up light
Sonically sealed, waterproof
Flush mount design accepts standard two­pin plug
Shock proof socket guarantees long bulb life
Kits include grommet and plug
Three Year Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
BU70CB
BU70CBP
6" oval back­up light for recess mount,
standard 2­pin connection
50
BU64CB
BU64CBP
Kit: BU70CB, A70GB grommet and A49PB right
angle pigtail (attached to light)
50
BU74CB
BU74CBP
DISCONTINUED ­ Kit: BU70CB, A70GB grommet
and A45CB straight pigtail
50
Accessories
Bulk
Polypack
Diodes
Description
Qty
A70GB
A70GBP
Grommet for 6" lights, PVC black 80%, 65­75
durometer, [Hole cut­out: 6.85" x 2.5" (1.25" R)]
50
A45CB
A45CBP
Straight 2­wire pigtail with two­pin PL­3 male
plug, 10”
100
A49PB
A49PBP
Right angle 2­wire pigtail with two­pin PL­3 male
plug, 10”
100
Specifications
FMVSS:
R
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
12.8VDC ­ 2.1A
WT/DIMS:
.265 lbs. / 6.5” x 2.25” x 2.375" [Hole cut­out: 6.85" x 2.5" (1.25" R)]
WARRANTY:
Three Year Warranty


Similar Part No. - BU70

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BU705 ISC-BU705 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BU705 NJSEMI-BU705 Datasheet
135Kb / 2P
Silicon NPN Power Transistor
logo
Inchange Semiconductor ...
BU705D ISC-BU705D Datasheet
108Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BU705D NJSEMI-BU705D Datasheet
129Kb / 2P
Silicon NPN Power Transistor
logo
Inchange Semiconductor ...
BU705DF ISC-BU705DF Datasheet
107Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - BU70

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEDZP NIC-NEDZP Datasheet
87Kb / 2P
Power Back-Up Capacitors
NEXA NIC-NEXA Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEXG NIC-NEXG Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEXS NIC-NEXS Datasheet
116Kb / 1P
Memory Back-Up Capacitors
NEZB NIC-NEZB Datasheet
124Kb / 2P
Memory Back-Up Capacitors
NEZBN NIC-NEZBN Datasheet
123Kb / 2P
Memory Back-Up Capacitors
NEZHC NIC-NEZHC Datasheet
115Kb / 1P
Memory Back-Up Capacitors
logo
SHANGHAI BELLING CO., L...
BL8506 BELLING-BL8506 Datasheet
619Kb / 19P
Battery Back-up Circuit
logo
Banner Engineering Corp...
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
LEDxR90S Series Sealed Ring Lights
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com