Electronic Components Datasheet Search
  English  ▼

X  

9163 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9163
Description  9811 IEEE Programmable Resistance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9163 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9163 Datasheet HTML 1Page - Time Electronics Ltd. 9163 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9811 IEEE Programmable Resistance
Time Electronics
Calibration, Test & Measurement
•
1
Ω to 1 MΩ
•
0.01% Accuracy
•
1 Ohm resolution
•
IEEE/GPIB/IEC/HPIB
•
Remote and local operation
The 9811 is a programmable resistance/potential
divider, with facilities for full manual
control. This is a particularly useful feature at the system design stage, and during checking
and maintenance periods. The resistance is continuously shown on a 6 digit LCD display
and is set locally by thumbwheel switches. The resistance is tapped to enable the 9811 to
be used as a potential divider if required.
Construction is standard 19” Euroframe with plug-in modules which allow easy access and
improved servicing and maintenance. It can be rack mounted or housed in a free standing
case.
Programming
To set a resistance, the required value in Ohms is transmitted over the IEEE bus, followed
by a carriage return. When used as a ratio-divider, programming should be in hexadecimal
format in order to obtain the full range of division ratios. Hexadecimal programming allows
each resistance bank to be set to a maximum of 15.
The numbers 10 to 15 being
represented by the letters A to F respectively.
All commands require a carriage return or line-feed as a terminator.
The unit can be sent into the local (manual) mode from the IEEE bus. In this mode, the
setting of the front panel switches can be read back. The read back terminator can be
programmed to cope with different types of IEEE controller.
The 9811 can be programmed to execute commands on receipt of IEEE Group Execute
Trigger (G.E.T.)
Commands
R : enter remote mode
L : enter local mode
T : transmit local setting
GI : except G.E.T. commands
Time Electronics, Botany Industrial Est. Tonbridge, Kent. England. TN9 1RH.
Tel: +44 (0)1732 355993 Fax: +44 (0)1732 770312 E-mail: mail@timeelectronics.co.uk
www.timeelectronics.co.uk
V1a 01/01/07


Similar Part No. - 9163

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9163 ETC2-9163 Datasheet
155Kb / 1P
ACCEPTS ONE 14 OR 16-PIN S.O.I.C. or TWO 8-PIN SOICs LARGER PERIPHERAL BREADOARDING AREA
9163 ETC2-9163 Datasheet
153Kb / 1P
ACCEPTS ONE 14 OR 16-PIN S.O.I.C. or TWO 8-PIN SOICs DIRECT PINOUT OR ADD ADDITIONAL COMPONENTS
logo
Heyco.
9163 HEYCO-9163 Datasheet
105Kb / 1P
Countersunk Type H Rivets
logo
Festo Corporation.
9163 FESTO-9163 Datasheet
61Kb / 1P
End plate kit
logo
Time Electronics Ltd.
9163 TIME-ELECTRONICS-9163 Datasheet
90Kb / 2P
Programmable DC Voltage Calibrator
V5 21/10/03
More results

Similar Description - 9163

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1821001-03 QUALTEK-1821001-03 Datasheet
428Kb / 1P
IEEE 1394 6P/M - IEEE 6P/M
1821007-06 QUALTEK-1821007-06 Datasheet
428Kb / 1P
IEEE 1394 6P/M - IEEE 6P/M
1821013-10 QUALTEK-1821013-10 Datasheet
427Kb / 1P
IEEE 1394 6P/M - IEEE 6P/M
1821019-15 QUALTEK-1821019-15 Datasheet
428Kb / 1P
IEEE 1394 6P/M - IEEE 6P/M
logo
Bourns Electronic Solut...
MF-SM150-33-2 BOURNS-MF-SM150-33-2 Datasheet
193Kb / 1P
IEEE 1394B
logo
MORNSUN Science& Techno...
TR100PW MORNSUN-TR100PW Datasheet
579Kb / 4P
Programmable Thermal Resistance Isolators
logo
IET Labs Inc.
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
PRS-370 IET-PRS-370 Datasheet
580Kb / 4P
Self-Adjusting Programmable Resistance Decade Substituter
March 2020
PRS IET-PRS Datasheet
491Kb / 5P
Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
Nov 2021
More results


Html Pages

1 2