Electronic Components Datasheet Search
  English  ▼

X  

DIO1166 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1166
Description  Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1166 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1166 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1166 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1166 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1166 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1166 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1166 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1166 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1166 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1166 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DIO1166
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO1166• Rev. 1.2
DC Electrical Characteristics
All typical value are at TA = 25°C unless otherwise specified.
Symbol
Parameter
Conditions
Vcc(V)
Min.
Typ.
Max.
Unit
VIH
Input voltage high
TA = -40°C to 85°C
1.8--2.7
1.3
V
2.7--3.6
1.7
4.5--5.5
2.2
VIL
Input voltage low
TA = -40°C to 85°C
1.8--2.7
0.6
V
2.7--3.6
0.7
4.5--5.5
1.0
IIN
Control input leakage
TA = -40°C to 85°C
Vin = 0V to Vcc
2.7--3.6
-1
1
uA
4.5--5.5
-1
1
IOFF
Power off leakage
current
A=1V, 4.5V, B =4.5, 1V
5.5
-2
2
nA
TA=-40°C to 85°C,A=1V, 4.5V, B =4.5, 1V
5.5
-20
20
IA(ON)
On leakage current of
port A
A=1V, 4.5V, B =4.5, 1V, 4.5V or Floating
5.5
-4
4
nA
TA = -40°C to 85°C
A=1V, 4.5V, B =4.5, 1V, 4.5V or Floating
5.5
-40
40
RON
Switch on resistance
See figure 2
Iout = 30mA, B = 1.5V
2.7
10
Ω
Iout = 30mA, B = 3.5V
4.5
4
TA = -40°C to 85°C,Iout = 30mA, B = 1.5V
2.7
12
TA = -40°C to 85°C,Iout = 30mA, B = 3.5V
4.5
6
ΔRON
On resistance
matching between
channels
Iout = 30mA, B = 1.5V
4.5
0.2
Ω
TA = -40°C to 85°C,Iout = 30mA, B = 1.5V
4.5
0.4
RFLT(ON)
On resistance
flatness
Iout = 30mA, B = 0V, 0.75V, 1.5V
2.7
5
Ω
Iout = 30mA, B = 0V, 1V, 2V
4.5
1
TA = -40°C to 85°C
Iout = 30mA, B = 0V, 0.75V, 1.5V
2.7
5
TA = -40°C to 85°C
Iout = 30mA, B = 0V, 1V, 2V
4.5
1
ICC
Quiescent supply
current
Vin = 0V or Vcc, Iout = 0
3.6
0.1
uA
5.5
0.1
TA = -40°C to 85°C
Vin = 0V or Vcc, Iout = 0
3.6
1
5.5
1
ΔICC
Icrease in Icc per
Input
One input at 2.7V, others at Vcc or GND
4.3
0.2
5
uA
TA = -40°C to 85°C, One input at 2.7V,
others at Vcc or GND
4.3
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com