Electronic Components Datasheet Search
  English  ▼

X  

DIO1413BMP10 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1413BMP10
Description  Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1413BMP10 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1413BMP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1413BMP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1413BMP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1413BMP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1413BMP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1413BMP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1413BMP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1413BMP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1413BMP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
DIO1413/1414
Version 1.2, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
1
1. Pin Assignment and Functions
MSOP-10 (Top view)
DFN3*3-10 (Top view)
Table 1. Pin descriptions
Pin No.
Pin Name
Type
Description
1
VDD
Power
Power supply
2
DP1
AIO
External channel 1 positive (anode) connection
3
DN1
AIO
External channel 1 negative (cathode) connection
4
DP2/DN3
AIO
External channel 2 positive (anode) connection/external channel 3 negative
(cathode) connection for anti-parallel NPNs (DIO1414 only)
5
DN2/DP3
AIO
External channel 2 negative (cathode) connection/external channel 3
positive (anode) connection for anti-parallel NPNs (DIO1414 only)
6
GND
Power
Ground
7
______
THERM/ ADDR
OD
During the power-up, the device selects SMBus (or I2C) address based on
the pull-up resistor. During the normal operation, this pin will be asserted to
indicate a Therm Limit exceeding event, requiring a pull-up resistor
8
______
ALERT
OD
Active low digital
_____
ALERT output signal, requiring a pull-up resistor
9
SMDATA
DIOD
SMBus data input/output, requiring pull-up resistor
10
SMCLK
DI
SMBus clock input, requiring pull-up resistor
Bottom
EP
-
Not internally connect to GND. Recommend to a large ground plane for
improved thermal performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com