Electronic Components Datasheet Search
  English  ▼

X  

DIO1414CMP10 Datasheet(PDF) 23 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1414CMP10
Description  Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1414CMP10 Datasheet(HTML) 23 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1414CMP10 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1414CMP10 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1414CMP10 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1414CMP10 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO1414CMP10 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO1414CMP10 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO1414CMP10 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO1414CMP10 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIO1414CMP10 Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
DIO1413/1414
Version 1.2, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
19
24h
R
External channel 2
data low byte
Stores the fractional data for external channel 2
00h
25h
R/W
External channel 1
beta configuration
Stores the beta compensation circuitry settings for external channel 1
08h
26h
R/W
External channel 2
beta configuration
Stores the beta compensation circuitry settings for external channel 2
08h
(DIO1413)
07h
(DIO1414)
27h
R/W
External channel 1
ideality factor
Stores the ideality factor for external channel 1
12h
(1.008)
28h
R/W
External channel 2
ideality factor
Stores the ideality factor for external channel 2
12h
(1.008)
29h
R
Internal data low byte
Stores the fractional data for the internal BJT
00h
2Ah
R
External channel 3
high byte
Stores the integer data for external channel 3
00h
2Bh
R
External channel 3
low byte
Stores the fractional data for external channel 3
00h
2Ch
R/W
External channel 3
High Limit high byte
Stores the integer data of the High Limit for external channel 3
55h
(85°C)
2Dh
R/W
External channel 3
Low Limit high byte
Stores the integer data of the Low Limit for external channel 3
00h
(0°C)
2Eh
R/W
External channel 3
High Limit low byte
Stores the fractional data of the High Limit for external channel 3
00h
2Fh
R/W
External channel 3
Low Limit low byte
Stores the fractional data of the Low Limit for external channel 3
00h
30h
R/W
External channel 3
Therm Limit
Stores the 8-bit temperature thermal limit for external channel 3
55h
(85°C)
31h
R/W
External channel 3
ideality factor
Stores the ideality factor for external channel 3
12h
(1.008)
35h
R-C
High Limit status
Status bits for the High Limit
00h
36h
R-C
Low Limit status
Status bits for the Low Limit
00h
37h
R
Therm Limit status
Status bits for the Therm Limit
00h
FDh
R
Product ID (DIO1413)
Stores a fixed value that identifies the device
B3h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com