Electronic Components Datasheet Search
  English  ▼

X  

DIO1520 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1520
Description  Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1520 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1520 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1520 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1520 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1520 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1520 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1520 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1520 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1520 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1520 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DIO1520
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO1520• Rev. 2.7
Electrical Characteristics
All typical value are at VCC = 3.6 V, TA = 25°C unless otherwise specified.
Symbol
Parameter
Conditions
VCC
Temp.
Min Typ Max Unit
Power requirements
VCC
Power supply range
-40 to 85°C
1.65
5.85
V
ICC
Quiescent supply
current
VCC = 1.65 V to 5.85 V
4.2 V
25°C
25
50
nA
ICCT
Increase in ICC
per input
Input at 2.6 V
4.2 V
-40 to 85°C
2.5
µA
Input at 1.8 V
6.5
Analog switch characteristics
RON
On-resistance
VNO, VNC, or VCOM = 1 V,
ICOM = -100 mA
3 V
25°C
0.7
Ω
-40 to 85°C
0.6
0.9
Ω
ΔRON
On-resistance
match between
channels
VNO, VNC or VCOM = 1 V,
ICOM = -100 mA
3 V
25°C
0.02
0.1
Ω
-40 to 85°C
0.1
Ω
RFLAT (ON)
On-resistance
flatness
VNO, VNC or VCOM = 1 V, 2 V
ICOM = -100 mA
3 V
25°C
0.05
0.1
Ω
-40 to 85°C
0.1
Ω
INC (OFF),
INO (OFF)
Source OFF
leakage current
VNO, VNC = 3.3 V, 0.3 V
VCOM = 0.3 V/ 3.3 V
4.2 V
-40 to 85°C
50
nA
INC(ON),
INO (ON)
ICOM (ON)
Channel ON
leakage current
VNO, VNC = 3.3 V, 0.3 V or floating
VCOM = 0.3 V/3.3 V
4.2 V
-40 to 85°C
50
nA
IOFF
Power OFF current
VCC = 0 V, VSW = -3.7 V ~ 5.85 V
30
nA
Digital inputs
VINH
Input high voltage
5.5 V
-40 to 85°C
1.75
V
4.2 V
1.65
2.7 V
1.3
1.8 V
1.2
VINL
Input low voltage
5.5 V
-40 to 85°C
0.9
V
4.2 V
0.8
2.7 V
0.6
1.8 V
0.5
Dynamic characteristics
tON
Turn-on time
VIN = 2.1 V to 0 V, RL = 50 Ω,
CL = 35 pF, VNO1 or VNO2 or
VNC2 = 2.1 V
25°C
1.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com