Electronic Components Datasheet Search
  English  ▼

X  

DIO1717LP10 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1717LP10
Description  Audio Capability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1717LP10 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1717LP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1717LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1717LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1717LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1717LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1717LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1717LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1717LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1717LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DIO1717
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO1717• Rev. 2.0
CON
On capacitance
24
pF
THD
Total harmonic distortion
V+ = 3.6 V, VNC/NO = 2 Vpp,
f = 20 Hz to 20 kHz
RL = 32 Ω
0.05
%
SNR
Signal-to-noise ratio
f = 20 Hz to 20 kHz, A-weighted filter, inputs
ground, RL = 32 Ω or 20 K
125
dBV
Note:
(1) Specifications subject to change without notice.
Typical Performance Characteristics
ION = 100 mA, V+ = VNC (max)
Figure 2. RON vs. VNC
ION = 100 mA, V+ = 5 V
Figure 3. RON vs. VNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com