Electronic Components Datasheet Search
  English  ▼

X  

DIO1717MP10 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1717MP10
Description  Audio Capability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1717MP10 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1717MP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1717MP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1717MP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1717MP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1717MP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1717MP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1717MP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1717MP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1717MP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DIO1717
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO1717• Rev. 2.0
Electrical Characteristics
V+ = 2.5 V to 5.5 V, TA = 25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Analog switching
VSW
Switch I/O voltage
2.5 V ≤ V+ ≤ 5.5 V
-2
V+
V
RON
Switch on resistance
V+ = 4.5 V, VNO or VNC = 2 V, ICOM = -10 mA
2.8
Ω
V+ = 3.6 V, VNO or VNC = 2 V, ICOM = -10 mA
V+ = 2.7 V, VNO or VNC = 2 V, ICOM = -10 mA
ΔRON
On resistance matching
between channels
V+ = 4.5 V, VNO or VNC = 2 V, ICOM = -10 mA
0.05
Ω
RFLAT(ON)
On resistance flatness
V+ = 4.5 V, 0 V ≤ VNO or VNC ≤ V+, ICOM = -10 mA
1.6
Ω
V+ = 3.6 V, 0 V ≤ VNO or VNC ≤ V+, ICOM = -10 mA
1.2
V+ = 2.7 V, 0 V ≤ VNO or VNC ≤ V+, ICOM = -10 mA
1.4
INC(OFF),
INO(OFF)
Source off leakage
current
V+ = 3.6 V, VNO or VNC = 0.3 V, 3.3 V,
VCOM = 3.3 V, 0.3 V
0.1
µA
INC(ON),
INO(ON),
ICOM(ON)
Channel on leakage
current
V+ = 3.6 V, VCOM = 0.3 V, 3.3 V,
VNO or VNC = 0.3 V, 3.3 V, or floating
0.1
µA
IOFF
Power off leakage
current
V+ = 0 V, NO/NC floating, VCOM = 3 V
0.1
µA
Digital input
VIH
Input voltage high
1.5
V
VIL
Input voltage low
0.5
V
IIN
Input leakage current
V+ = 3.6 V, VIN = 0 V or 3.6 V
0.5
µA
I+
Power supply current
V+ = 3.6 V, VIN = 0 V or V+
30
µA
Dynamic characteristics
tON
Turn on time
VNO or VNC = 1.5 V, VIH = 1.8 V, VIL = 0 V,
RL = 50 Ω, CL = 35 pF
1.8
µs
tOFF
Turn off time
VNO or VNC = 1.5 V, VIH = 1.8 V, VIL = 0 V,
RL = 50 Ω, CL = 35 pF
350
ns
tBBM
Break before make time
VNO1 or VNC1 = VNO2 or VNC2 = 1.5 V,
RL = 50 Ω, CL = 35 pF
1.4
µs
OIRR
Off isolation
Signal = 0 dBm,
RL = 50 Ω,CL = 5 pF
f = 10 MHz
-49
dB
f = 1 MHz
-70
XTALK
Crosstalk
Signal = 0 dBm,
RL = 50 Ω,CL = 5 pF
f = 10 MHz
-52
dB
f = 1 MHz
-72
BW
-3dB bandwidth
Signal = 0 dBm, RL = 50 Ω, CL = 5 pF
300
MHz
COFF
Off capacitance
9
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com