Electronic Components Datasheet Search
  English  ▼

X  

DIO2022X Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2022X
Description  CMOS Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2022X Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2022X Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2022X Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2022X Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2022X Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2022X Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2022X Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2022X Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2022X Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2022X Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DIO2022x
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO2022x• Rev. 1.3
6
6. Physical Dimensions
6.1 SC70-5
Common Dimensions
(Units of measure = Millimeter)
Symbol
Min
Nom
Max
A
0.85
-
1.05
A1
0
-
0.10
A2
0.80
0.90
1.00
A3
0.47
0.52
0.57
b
0.22
-
0.29
b1
0.22
0.25
0.28
c
0.115
-
0.15
c1
0.115
0.13
0.14
D
2.02
2.07
2.12
E
2.20
2.30
2.40
E1
1.25
1.30
1.35
e
0.65 BSC
e1
1.30 BSC
L
0.28
0.33
0.38
L1
0.50 REF
L2
0.15 BSC
R
0.10
-
-
R1
0.10
-
0.25
Θ
0°
-
8°
Θ1
6°
9°
12°
Θ2
6°
9°
12°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com