Electronic Components Datasheet Search
  English  ▼

X  

DIO20222MP8 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20222MP8
Description  CMOS Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20222MP8 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO20222MP8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO20222MP8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20222MP8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20222MP8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20222MP8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20222MP8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20222MP8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20222MP8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20222MP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DIO2022x
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO2022x• Rev. 1.3
3
4. Electrical Characteristics
Typical value: V+ = 5 V, RL= 100 kΩ to V+/2, TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Input characteristics
VOS
Input offset voltage
-40°C ≤ TA ≤ 125°C, V+ = 2.5 V to 5.5 V
±1.0
±5.0
mV
IB
Input bias current
-40°C ≤ TA ≤ 125°C, V+ = 2.5 V to 5.5 V
10
pA
IOS
Input offset current
-40°C ≤ TA ≤ 125°C, V+ = 2.5 V to 5.5 V
1.0
10
pA
VCM
Common mode voltage range
V+ = 5.5 V
-0.1
(V+)
+0.1
V
CMRR
Common mode rejection ratio
-40°C ≤ TA ≤ 125°C,
VCM = -0.1 to 5.6 V, V+ = 5.5 V
80
120
dB
AOL
Open loop voltage gain
RL = 600 Ω, Vo = 0.1 to 4.9
90
120
dB
∆VOS/∆T
Input offset voltage drift
-40°C ≤ TA≤ 125°C
2.5
µV/°C
Output characteristics
Output voltage swing from rail
RL = 600 Ω, -40°C ≤ TA ≤ 125°C
0.1
V
RL = 10k Ω, -40°C ≤ TA ≤ 125°C
0.015
IOUT
Output current
V+ = 5V
80
85
mA
V+ = 2.5V
5
15
Ro
Closed loop output impedance
f = 100 kHz, G = +1, V+ = 5 V
2.0
Ω
f = 100 kHz, G = +1, V+ = 2.5 V
4.2
Power supply
PSRR
Power supply rejection ratio
70
80
dB
IS
Supply current per channel/amp
V+= 5 V , -40°C ≤ TA ≤ 125°C
190
300
µA
V+ = 2.5 V , -40°C ≤ TA ≤ 125°C
160
280
Dynamic performance
GBP
Gain bandwidth product
RL = 10 kΩ
3.0
MHz
SR
Slew rate
RL = 600 Ω, G = 1, 2 V output step
1.7
V/µs
tS
Setting time
RL = 600 Ω, G = 1, 2 V output step
1.0
µs
Xtalk
Channel separation
f = 1 kHz, RL = 10 kΩ
110
dB
Overload recovery time
VIN  Gain = V+
1.0
μs
Noise performance
THD
Total harmonic distortion
f = 10 kHz, 1 V output step,
RL = 600 Ω and 100 pF
0.015
%
en
Voltage noise density
f = 1 kHz, V+ = 5 V
27
nV/√Hz
f = 10 kHz, V+= 5 V
18
Note:
(1) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com