Electronic Components Datasheet Search
  English  ▼

X  

DIO20224CS14 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20224CS14
Description  CMOS Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20224CS14 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO20224CS14 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20224CS14 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20224CS14 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20224CS14 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO20224CS14 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO20224CS14 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO20224CS14 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO20224CS14 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO20224CS14 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
DIO2022x
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO2022x• Rev. 1.3
10
6.5 TSSOP-14
Common Dimensions
(Units of Measure = Millimeter)
Symbol
Min
Nom
Max
A
-
-
1.20
A1
0.05
-
0.15
A2
0.90
1.00
1.05
A3
0.39
0.44
0.49
b
0.20
-
0.30
b1
0.19
0.22
0.25
c
0.13
-
0.19
c1
0.12
0.13
0.14
D
4.86
4.96
5.06
E1
4.30
4.40
4.50
E
6.20
6.40
6.60
e
0.65 BSC
L
0.45
-
0.75
L1
1.00 BSC
Θ
0°
-
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com