Electronic Components Datasheet Search
  English  ▼

X  

DIO2186BSC6 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2186BSC6
Description  Current Sense Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2186BSC6 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2186BSC6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2186BSC6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2186BSC6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2186BSC6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2186BSC6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2186BSC6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2186BSC6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2186BSC6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2186BSC6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
DIO2186
Version 1.0, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
II
■ Ordering Information
Ordering Part No. Top Marking
MSL
RoHS
TA
Package
DIO2186ASC6
FAYW
3
Green
-40 to 125 °C
SC70-6
Tape and Reel, 3000
DIO2186BSC6
FBYW
3
Green
-40 to 125 °C
Tape and Reel, 3000
DIO2186CSC6
FCYW
3
Green
-40 to 125 °C
Tape and Reel, 3000
DIO2186DSC6
FDYW
3
Green
-40 to 125 °C
Tape and Reel, 3000
DIO2186ESC6
FEYW
3
Green
-40 to 125 °C
Tape and Reel, 3000
DIO2186AST5
YWH6A
3
Green
-40 to 125 °C
SOT23-5
Tape and Reel, 3000
DIO2186BST5
YWH6B
3
Green
-40 to 125 °C
Tape and Reel, 3000
DIO2186CST5
YWH6C
3
Green
-40 to 125 °C
Tape and Reel, 3000
DIO2186DST5
YWH6D
3
Green
-40 to 125 °C
Tape and Reel, 3000
DIO2186EST5
YWH6E
3
Green
-40 to 125 °C
Tape and Reel, 3000
DIO2186AWL6
BH6A
1
Green
-40 to 125 °C
WLCSP-6
Tape and Reel, 3000
DIO2186BWL6
BH6B
1
Green
-40 to 125 °C
Tape and Reel, 3000
DIO2186CWL6
BH6C
1
Green
-40 to 125 °C
Tape and Reel, 3000
DIO2186DWL6
BH6D
1
Green
-40 to 125 °C
Tape and Reel, 3000
DIO2186EWL6
BH6E
1
Green
-40 to 125 °C
Tape and Reel, 3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com