Electronic Components Datasheet Search
  English  ▼

X  

DIO2186DSC6 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2186DSC6
Description  Current Sense Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2186DSC6 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2186DSC6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2186DSC6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2186DSC6 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2186DSC6 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO2186DSC6 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO2186DSC6 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO2186DSC6 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO2186DSC6 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO2186DSC6 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DIO2186
Version 1.0, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
9
REF
Shunt
LOAD
OUT
V
+
Gain)
×
R
×
(I
=
V
(1)
Where,
ILOAD is the load current to be monitored.
RShunt is the current-sense resistor.
Gain is the gain option of the selected device.
VREF is the voltage applied to the REF pin.
8.5. High-side and low-side current sensing
The DIO2186 supports input common-mode voltages from -2 V to 40 V. Its internal topology ensures that
the common-mode range is not limited by the power-supply voltage VS. This enables the DIO2186 to
operate with common-mode voltages both exceeding and falling below VS. The figure below is the typical
application of the DIO2186 in high-side and low-side current sensing.
Figure 9. High-side and Low-side sensing connections
8.6. High common-mode rejection
The DIO2186 employs a capacitively coupled amplifier at the input stage, which blocks DC common-mode
voltages from reaching downstream circuits, resulting in very high common-mode rejection (about 150 dB
typically). This capability to reject changes in DC common-mode voltage allows the device to measure
currents on both high- and low-voltage rails with minimal offset.
8.7. Rail-to-rail output swing
The DIO2186 supports linear current-sensing operation with its output voltage capable of swinging close to
both the supply rail and ground. The maximum output swing towards the positive rail is specified as VS - 40
mV, while the maximum output swing near ground is limited to GND + 1 mV. This near-rail output swing
capability is particularly beneficial for maximizing the effective output range, especially when the device is
powered from a 2.5 V supply.
8.8. Device functional modes
8.8.1. Normal operation
The DIO2186 operates under normal conditions when all the following criteria are satisfied:
The power-supply voltage (VS) must be within the range of 2.5 V to 6 V.
The common-mode voltage (VCM) must be within the specified range of -2 V to 40 V.
The maximum differential input voltage times the gain plus VREF, must remain below the positive output
swing limit VSP.
The minimum differential input signal multiplied by the gain, added to VREF, must exceed the zero load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com