Electronic Components Datasheet Search
  English  ▼

X  

DIO221X Datasheet(PDF) 11 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO221X
Description  Comparator and Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO221X Datasheet(HTML) 11 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO221X Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO221X Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO221X Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO221X Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO221X Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO221X Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO221X Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO221X Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO221X Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DIO221X
Version 1.1, Feb 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
8
8. Function Description
8.1. Comparator hysteresis
Both the up threshold and down threshold are 0.6 V.
Figure 6. Comparator hysteresis
8.2. Comparator
The open-drain comparator integrated into the amplifier typically has a 3.5 μs positive response time and a
1.5 μs negative response time. The
____________
RESET pin controls the latching and resetting of the comparator
output (See Figure 7).
Figure 7. Comparator latching capability
8.3. Device functional mode
The DIO221X has a single functional mode and its function is guaranteed even when VS exceeds 3 V. Note
that the common-mode voltage must be between -0.1 V and 75 V. The maximum VS is 40 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com