Electronic Components Datasheet Search
  English  ▼

X  

DIO2488ASC6 Datasheet(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2488ASC6
Description  Current-Shunt Monitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2488ASC6 Datasheet(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2488ASC6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2488ASC6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2488ASC6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2488ASC6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2488ASC6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2488ASC6 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2488ASC6 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO2488ASC6 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO2488ASC6 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
DIO2488
Version 1.2, Dec 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
7
9. Function Description
The DIO2488 is a voltage output, high-side and low-side current-shunt monitor. The devices sense drops across
shunts at common-mode voltages from -0.1 V to 30 V, independent of the single supply voltage. Three fixed
gains are available: 20 V/V, 50 V/V, 100 V/V, 200 V/V. The DIO2488 is designed to use for overcurrent detection,
voltage feedback control loops, or as a power monitor. The low offset of the zero-drift architecture enables lower
full-scale drops across the shunt and high-precision measurements with low input offset voltages. The devices
operate from a single 2.7 V to 30 V power supply or a dual ±1.35 V to ±15 V with low quiescent current.
9.1. Device functional modes
9.1.1. Input filtering
At the device output, an obvious and straightforward filtering is located. However, this location negates the
advantage of the low output impedance of the internal buffer. The only other filtering option is at the device input
pins. This location does require consideration of the ±30% tolerance of the internal resistances.
Figure 9. Filter at input pins
However, the addition of external series resistance creates an additional error in the measurement so the value
of these series resistors must be kept to 10 Ω (or less maybe) to reduce impact to accuracy. If a differential
voltage is applied between the input pins, then the internal bias network present at the input pins creates a
mismatch in input bias currents (see Figure 9). If additional external series filter resistors are added to the circuit,
the mismatch in bias currents results in a mismatch of voltage drops across the filter resistors. This mismatch
creates a differential error voltage that subtracts from the voltage developed at the shunt resistor. This error
results in a voltage at the device input pins that is different than the voltage developed across the shunt resistor.
Without the additional series resistance, the device operation will be hardly effected. To calculate the gain error
factor, refer to Equation (1). To calculate the error these external filter resistors add to the measurement, refer to
Equation (2).
The amount of variance in the differential voltage present at the device input relative to the voltage developed at
the shunt resistor is based both on the external series resistance value as well as the internal input resistors, R3
and R4, or RINT (see Figure 9). When comparing the output voltage relative to the voltage across the shunt
resistor, the reduction of the shunt voltage reaching the device input pins appears as a gain error. A factor can be
calculated to determine the amount of gain error that is introduced by the addition of external series resistance.
)
R
×
(R
+
)
R
×
(1250
+
)
R
×
(1250
R
×
1250
=
Factor
Error
Gain
INT
S
INT
S
INT
(1)
Factor
Error
Gain
100
-
100
=
(%)
Error
Gain
×
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com