Electronic Components Datasheet Search
  English  ▼

X  

DIO703HCST5 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO703HCST5
Description  Distribution Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO703HCST5 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO703HCST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO703HCST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO703HCST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO703HCST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO703HCST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO703HCST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO703HCST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO703HCST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO703HCST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DIO703
www.dioo.com
© 2021 DIOO MICROCIRCUITS CO., LTD
DIO703• Rev 1.4
Ordering Information
Order Part
Number
Top
Marking
Recommended
Continuous
Current
EN/EN
Package
DIO703HAST5
W3HA
350mA
Active High
Green
SOT23-5
Tape & Reel, 3000
DIO703HBST5
W3HB
500mA
Active High
Green
SOT23-5
Tape & Reel, 3000
DIO703HCST5
W3HC
1A
Active High
Green
SOT23-5
Tape & Reel, 3000
DIO703LAST5
W3LA
350mA
Active Low
Green
SOT23-5
Tape & Reel, 3000
DIO703LBST5
W3LB
500mA
Active Low
Green
SOT23-5
Tape & Reel, 3000
DIO703LCST5
W3LC
1A
Active Low
Green
SOT23-5
Tape & Reel, 3000
DIO703HASO8
D703HA
350mA
Active High
Green
SOIC-8
Tape & Reel, 2500
DIO703HBSO8
D703HB
500mA
Active High
Green
SOIC-8
Tape & Reel, 2500
DIO703HCSO8
D703HC
1A
Active High
Green
SOIC-8
Tape & Reel, 2500
DIO703LASO8
D703LA
350mA
Active Low
Green
SOIC-8
Tape & Reel, 2500
DIO703LBSO8
D703LB
500mA
Active Low
Green
SOIC-8
Tape & Reel, 2500
DIO703LCSO8
D703LC
1A
Active Low
Green
SOIC-8
Tape & Reel, 2500
DIO703HAXM8
D703HA
350mA
Active High
Green
EP-MSOP8
Tape & Reel, 3000
DIO703HBXM8
D703HB
500mA
Active High
Green
EP-MSOP8
Tape & Reel, 3000
DIO703HCXM8
D703HC
1A
Active High
Green
EP-MSOP8
Tape & Reel, 3000
DIO703LAXM8
D703LA
350mA
Active Low
Green
EP-MSOP8
Tape & Reel, 3000
DIO703LBXM8
D703LB
500mA
Active Low
Green
EP-MSOP8
Tape & Reel, 3000
DIO703LCXM8
D703LC
1A
Active Low
Green
EP-MSOP8
Tape & Reel, 3000
DIO703HAMP8
D703HA
350mA
Active High
Green
MSOP-8
Tape & Reel, 3000
DIO703HBMP8
D703HB
500mA
Active High
Green
MSOP-8
Tape & Reel, 3000
DIO703HCMP8
D703HC
1A
Active High
Green
MSOP-8
Tape & Reel, 3000
DIO703LAMP8
D703LA
350mA
Active Low
Green
MSOP-8
Tape & Reel, 3000
DIO703LBMP8
D703LB
500mA
Active Low
Green
MSOP-8
Tape & Reel, 3000
DIO703LCMP8
D703LC
1A
Active Low
Green
MSOP-8
Tape & Reel, 3000
Ordering Information Complimentary Note
Ordering number = Part No. +Enable Active Version+ Continuous Current Version +Package Code
DIO703
H: Enable Active High
ST5: Stands for SOT23-5
L: Enable Active Low
SO8: Stands for SOIC-8
XM8: Stands for EP-MSOP8
MP8: Stands for MSOP-8
A: 350mA Continuous Current Version
B: 500mA Continuous Current Version
C: 1A Continuous Current Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com