Electronic Components Datasheet Search
  English  ▼

X  

XTR Datasheet(PDF) 2 Page - ABB

Part # XTR
Description  LED 2W M3 DAYLITE WHT/OPL SLFTST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

XTR Datasheet(HTML) 2 Page - ABB

  XTR Datasheet HTML 1Page - ABB XTR Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Legend style
Self Adhesive Sticker
Recognition distance (m)
23
Power Consumption Maintained mode (W)
3.9
Power Consumption Maintained mode (VA)
6.1
Nominal current (mA)
25.5
Inrush Current (A to 0.1ms)
0.7
Power Factor
0.48
Temperature range (°C)
0 to 30°C
Weight (Kg)
0.75
Packaging
Cardboard box
Packaging dimensions (LxWxH) (mm)
365*107*86
Accessories
RSEN2X Down ISO7010 Legend
RSEN3X Left ISO7010 Legend
RSEN6X Right ISO7010 Legend
RSEN5X Up ISO7010 Legend
RSB1X Arabic English Legend
XTR Semi-recessing bezel White
EMERGI-LITE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com