Electronic Components Datasheet Search
  English  ▼

X  

UPC258 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC258
Description  Low Noise Dual Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC258 Datasheet(HTML) 6 Page - Renesas Technology Corp

  UPC258 Datasheet HTML 1Page - Renesas Technology Corp UPC258 Datasheet HTML 2Page - Renesas Technology Corp UPC258 Datasheet HTML 3Page - Renesas Technology Corp UPC258 Datasheet HTML 4Page - Renesas Technology Corp UPC258 Datasheet HTML 5Page - Renesas Technology Corp UPC258 Datasheet HTML 6Page - Renesas Technology Corp UPC258 Datasheet HTML 7Page - Renesas Technology Corp UPC258 Datasheet HTML 8Page - Renesas Technology Corp UPC258 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UPC258, UPC4558
R03DS0145EJ0200 Rev.2.00
Page 6 of 8
Feb.27.25
APPLICATION CIRCUIT
RIAA Pre-amplifier AV = 32.5 dB
Standard Characteristics (Reference Value)
Peak Level Meter
This circuit converts the peak voltage (about ± 10 mV ~ ± 10 V) of the input signal to a DC voltage (about 0.2V
~ 1.3 V) and drives the meter.
This output voltage is proportional to the logarithmic value of input peak voltage, thus providing a wider dynamic
range indication compared to conventional linear indication methods.
0.0022 μF 0.01 μF
出力
33 μF
47 μF
2.2 kΩ
36 kΩ
390 kΩ
+
33 μF
1 kΩ
56 kΩ
10 kΩ
100 μF
100 μF
-15 V
+15 V
+
-
μPC4588
ひずみ率
0.03 % (VO = 1 Vr.m.s, f = 1 kHz)
雑
音
1.0 μVr.m.s.
入力換算、入力ショート
ピーク検波平均値指示
20 Hz
0.001
0.01
0.1
1
0.01
0.1
1
10
出力電圧
VO [Vr.m.s.]
ひずみ率特性
-40 dB ~ +5 dB
(0 dB 時 1 Vp-p)
-
μPC4588
+
1/2
1S953
100 kΩ
1S953
対数圧縮
全波整流
ピーク・ホールド
メータ・アンプ
-
μPC4588
+
1/2
51 kΩ
30 kΩ
30 kΩ
-
μPC324
+
1/4
30 kΩ
1S953
+15 V
-15 V
-15 V
+15 V
1S953
1S953
×2
30 kΩ
30 kΩ
15 kΩ
30 kΩ
+15 V
-15 V
-
μPC324
+
1/4
20 kΩ
20 kΩ
10 kΩ
0.22 μF
2 kΩ
200 kΩ 3.3 μF
2SK163
100 kΩ
Output
Distortion Rate
Noise
Output Voltage
Distortion Rate
U
U
(1VP-P When 0 dB)
Logarithm Compression
Full Wave Rectification
Peak Hold
Meter Amplifier
UPC4558
UPC4558
UPC4558



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com