Electronic Components Datasheet Search
  English  ▼

X  

SD422S Datasheet(PDF) 1 Page - ABB

Part # SD422S
Description  Star delta starters IP55 metal enclosure
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

SD422S Datasheet(HTML) 1 Page - ABB

  SD422S Datasheet HTML 1Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
73
—
Star delta starters
IP55 metal enclosure
—
Star-Delta IP55 metal enclosure 400V up to 22kW (supplied without overload)
—
Star-Delta with Isolator IP55 metal enclosure 400V up to 22kW (supplied without overload)
Three Phase
400V [AC3]
Dimensions (mm)
KW
hp
H
W
D
Order code
100-250v coil
15
20.0
184
284
165
SD215S
22.0
30.0
305
284
175
SD222S
250-500v coil
15
20.0
184
284
165
SD415S
22.0
30.0
305
284
175
SD422S
Three Phase
400V [AC3]
Dimensions (mm)
KW
hp
H
W
D
Order code
100-250v coil
15
20.0
184
284
180
SI215S
22.0
30.0
305
284
190
SI222S
250-500v coil
15
20.0
184
284
180
SI415S
22.0
30.0
305
284
190
SI422S
Star-Delta IP65 metal Enclosure 400V up to 22kW
• Star-Delta starters in metal enclosure IEC 947-4-1.
• All three phase star delta starters, are complete
with pushbuttons, and 100-250v or 250-500v coils.
• Overload for standard motor duty must be
purchased separately, see page 65.
SI215S
SD215S
SD215S
S TA R D ELTA S TA R T ER S - I P 5 5 M E TA L EN C LOSU R E


Similar Part No. - SD422S

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD42351 SILAN-SD42351 Datasheet
264Kb / 5P
350MA WHITE SINGLE LED DRIVER
REV:1.5 2008.03.13
SD42351NA SILAN-SD42351NA Datasheet
334Kb / 4P
350MA WHITE SINGLE LED DRIVER
SD42351NA SILAN-SD42351NA Datasheet
264Kb / 5P
350MA WHITE SINGLE LED DRIVER
REV:1.5 2008.03.13
SD42351NB SILAN-SD42351NB Datasheet
334Kb / 4P
350MA WHITE SINGLE LED DRIVER
SD42351NB SILAN-SD42351NB Datasheet
264Kb / 5P
350MA WHITE SINGLE LED DRIVER
REV:1.5 2008.03.13
More results

Similar Description - SD422S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DAC01CM24 ETC2-DAC01CM24 Datasheet
69Kb / 3P
Timers Star Delta
logo
Sanken electric
SLA7611M SANKEN-SLA7611M Datasheet
430Kb / 2P
Star Connection/Delta Connection
logo
PHOENIX CONTACT
ETD-SL-1T-S PHOENIX-ETD-SL-1T-S Datasheet
140Kb / 6P
Star/delta timer relay
1409150 PHOENIX-1409150 Datasheet
41Kb / 2P
Star-delta bridge - HC-MOT-ST/DR-BR
logo
Carlo Gavazzi Holding A...
DAC51 CARLOGAVAZZI-DAC51 Datasheet
76Kb / 2P
Timers Star Delta Timer Type
DAC01 CARLOGAVAZZI-DAC01 Datasheet
86Kb / 3P
Timers Star Delta Types
logo
Schneider Electric
GV2MC02 SCHNEIDER-GV2MC02 Datasheet
118Kb / 2P
TeSys GV2, surface mount enclosure, for TeSys GV2ME, IP55 rated
May 12, 2022
GV2MC03 SCHNEIDER-GV2MC03 Datasheet
138Kb / 2P
TeSys GV2 - Enclosure for TeSys GV2ME - IP55 for temperature <5째C
May 13, 2022
GV2MP02 SCHNEIDER-GV2MP02 Datasheet
143Kb / 2P
TeSys GV2 - Flush mounting enclosure for TeSys GV2ME - IP55
May 13, 2022
GV2MP04 SCHNEIDER-GV2MP04 Datasheet
134Kb / 2P
TeSys GV2 - Reduced flush mounting enclosure for TeSys GV2ME - IP55
May 13, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com