Electronic Components Datasheet Search
  English  ▼

X  

7623213 Datasheet(PDF) 2 Page - Clarke International

Part # 7623213
Description  HYDRAULIC TROLLEY JACK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

7623213 Datasheet(HTML) 2 Page - Clarke International

  7623213 Datasheet HTML 1Page - Clarke International 7623213 Datasheet HTML 2Page - Clarke International 7623213 Datasheet HTML 3Page - Clarke International 7623213 Datasheet HTML 4Page - Clarke International 7623213 Datasheet HTML 5Page - Clarke International 7623213 Datasheet HTML 6Page - Clarke International 7623213 Datasheet HTML 7Page - Clarke International 7623213 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
INTRODUCTION
Thank you for purchasing this CLARKE Trolley Jack. This manual cover s the
CTJ2CBB and the CTJ2BMCB which is supplied in a blow moulded case.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
SPECIFICATION
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended. Faulty goods should be returned to their place of purchase, no
product can be returned to us without prior permission.
This guarantee does not effect your statutory rights.
Length (exc handle):
440 mm
Width:
195 mm
Min height of lifting cup:
130 mm
Maximum lifting height from floor:
330 mm
Weight:
8.75 kg
Pump Oil Capacity:
78 ml
Rated Capacity:
2 Tonnes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com