Electronic Components Datasheet Search
  English  ▼

X  

CSJ1500 Datasheet(PDF) 2 Page - Clarke International

Part # CSJ1500
Description  1.5 TONNE SCISSOR JACK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSJ1500 Datasheet(HTML) 2 Page - Clarke International

  CSJ1500 Datasheet HTML 1Page - Clarke International CSJ1500 Datasheet HTML 2Page - Clarke International CSJ1500 Datasheet HTML 3Page - Clarke International CSJ1500 Datasheet HTML 4Page - Clarke International CSJ1500 Datasheet HTML 5Page - Clarke International CSJ1500 Datasheet HTML 6Page - Clarke International CSJ1500 Datasheet HTML 7Page - Clarke International CSJ1500 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Scissor Jack.
Before attempting to use this product, please read this manual thoroughly and follow
the instructions carefully. In doing so you will ensure the safety of yourself and that of
others around you, and you can look forward to your purchase giving you long and
satisfactory service.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12 months from
the date of purchase. Please keep your receipt which will be required as proof of
purchase.
This guarantee is invalid if the product is found to have been abused or tampered
with in any way, or not used for the purpose for which it was intended.
Faulty goods should be returned to their place of purchase, no product can be
returned to us without prior permission.
This guarantee does not effect your statutory rights.
LIFTING OPERATIONS AND LIFTING EQUIP-
MENT REGULATIONS 1998 (LOLER)
This jack, depending on use, may fall within the scope of LOLER. It is the owner’s
responsibility to determine whether or not it does and, if so, to comply with any
applicable requirements in LOLER, for having the jack thoroughly examined.
SPECIFICATION
Rated Load
1.5 Tonne
Min height of saddle
95 mm
Max height of saddle
390 mm
Length of handle
415 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com