Electronic Components Datasheet Search
  English  ▼

X  

360 Datasheet(PDF) 2 Page - Permco, Inc.

Part # 360
Description  Sleeve Bushing Pumps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.

360 Datasheet(HTML) 2 Page - Permco, Inc.

  360 Datasheet HTML 1Page - Permco, Inc. 360 Datasheet HTML 2Page - Permco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Permco USA | 1500 Frost Road | P. O. Box 2068 | Streetsboro, Ohio 44241
Copyright © 2006 © Bulletin # 360-01.22 Version 2.1
Pumps & Motors
Dimensional Data
Permco is a leading manufacturer
of high-pressure hydraulic gear/
vane pumps and motors, flow
dividers, intensifiers, and acces-
sories. Available in a wide variety
of sizes and configurations to suit
your application needs.
Product Information
www.permco.com
Our Online Support is available
24/7/365 for your needs!
Email: support@permco.com
Call: (800) 626.2801
Displ
Theo. GPM
Max
Max
Gear Size
Cu.In
1000 RPM
RPM
PSI
0.50
1.80
7.8
2400
3500
0.75
2.70
11.7
2400
3500
1.00
3.60
15.6
2400
3500
1.25
4.50
19.5
2400
3500
1.50
5.40
23.4
2400
3500
1.75
6.30
27.3
2400
3500
2.00
7.20
31.2
2400
3500
2.25
8.10
35.1
2400
3250
2.50
9.00
39.0
2400
3000
Pump / Motor
A. 2.19” SAE “C” shaft shown,
other shafts available
B. 7.31” plus gear width
C. 0.50” plus gear width
D. 11.38” plus total gear width
E. 6.25” plus front gear width
F. 5.79” plus gear width
1.12
3.75
B
3.06
7.05
F
C
A
3.75
2.62
C
4.00
C
2.88
7.05
4.65
D
E
1.50
A
7.38
4.69
3.69
.62
A. 2.19” SAE “C” shaft shown,
other shafts available
B. 7.31” plus gear width
C. 0.50” plus gear width
D. 11.38” plus total gear width
E. 6.25” plus front gear width
F. 5.79” plus gear width
1.12
3.75
B
3.06
7.05
F
C
A
3.75
2.62
C
4.00
C
2.88
7.05
4.65
D
E
1.50
A
7.38
4.69
3.69
.62



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com