Electronic Components Datasheet Search
  English  ▼

X  

424 Datasheet(PDF) 2 Page - Permco, Inc.

Part # 424
Description  PUMPS AND MOTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.

424 Datasheet(HTML) 2 Page - Permco, Inc.

  424 Datasheet HTML 1Page - Permco, Inc. 424 Datasheet HTML 2Page - Permco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensional Data (inches)
A. 1.63” SAE “B” shaft shown,
other shafts available
B. 4.27” plus gear width
C. 0.4” plus gear width
D. 7.04” plus total gear width
E. 3.58” plus front gear width
F. 3.27” plus gear width
GEAR
DISPL
MAX
MIN
MAX
WIDTH (IN)
CU IN/CC
RPM
RPM
PSI/BAR
.50
.62/10
3000
600
4500/310
.75
.93/15
3000
600
4500/310
1.00
1.24/20
3000
600
4500/310
Permco Hydraulik AG
P. O. Box 553
6343 Rotkreuz
Switzerland
e-mail: heinzm@permco.com
Permco (Tianjin) Hydraulics Inc., Ltd.
236 Jinbindadao Free Trade Zone
TianJin Port, China
e-mail: technic@permcotj.com
www.permcotj.com
Permco US
1500 Frost Road
P. O. Box 2068
Streetsboro, OH 44241
Phone 330-626-2801
Fax 330-626-2805
e-mail: info@permco.com
www.permco.com
Copyright © 2007 Permco
© Bulletin #07-424A
P424 Performance Chart/Specifications
0
5
10
15
20
900 1200 1500 1800 2100 2400 2700 3000
Speed-RPM
1.00/1.24
.75/.93
.50/.62
Displacement
Gear Width/
In. /Rev
3
C
A
F
B
47.6
50.8
19.1
121
107.95
1.88
2.00
.75
4.75
4.25
A
CC
D
E
47.6
8.64
38.1
79.50
66.7
44.5
1.88
2.62
1.75
.34
1.84
1.50
46.74
3.13
4.75
121
73.15
60.45
2.88
2.38



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com