Electronic Components Datasheet Search
  English  ▼

X  

5151 Datasheet(PDF) 2 Page - Permco, Inc.

Part # 5151
Description  Pumps & Motors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.

5151 Datasheet(HTML) 2 Page - Permco, Inc.

  5151 Datasheet HTML 1Page - Permco, Inc. 5151 Datasheet HTML 2Page - Permco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Gear
Size (in)
A
B
C
Displacement
(In )
3
Theoretical GPM
(At 1000 RPM)
NPT/ORB Ports
(Side / Rear)
Min
RPM
Max
RPM*
Max Pressure
PSI (bar)
1.50
6.38
2.25
3.50
3.86
17
1.00 / 1.5
600
3000
3000 (207)
1.75
6.63
2.50
3.63
4.50
19
1.25 / 1.5
600
3000
3000 (207)
2.00
6.88
2.75
3.75
5.15
23
1.25 / 1.5
600
3000
2500 (172)
2.25
7.13
3.00
3.88
5.79
25
1.5 / 1.5
600
2500
2500 (172)
2.50
7.38
3.25
4.00
6.43
27
1.5 / 1.5
600
2500
2500 (172)
2.75
7.63
3.50
4.13
7.07
30
1.5 / 1.5
600
2500
2000 (137)
Gear
Size (in)
A
B
C
Displacement
(In )
3
Theoretical GPM
(At 1000 RPM)
NPT/ORB Ports
(Side / Rear)
Min
RPM
Max
RPM*
Max Pressure
PSI (bar)
1.50
7.38
2.25
4.50
3.86
17
1.00 / 1.5
600
3000
3000 (207)
1.75
7.63
2.50
4.63
4.50
19
1.25 / 1.5
600
3000
3000 (207)
2.00
7.88
2.75
4.75
5.15
23
1.25 / 1.5
600
3000
2500 (172)
2.25
8.13
3.00
4.88
5.79
25
1.5 / 1.5
600
2500
2500 (172)
2.50
8.38
3.25
5.00
6.43
27
1.5 / 1.5
600
2500
2500 (172)
2.75
8.63
3.50
5.13
7.07
30
1.5 / 1.5
600
2500
2000 (137)
.56
6 PLACES
5.75
3.54
1.62
2.38
C
A
B
1.75
1.00
5/8" - 11
2 PLACES
1.60
to
2.00
SHAFT
CL
3.56
3.75
1.00
.78
SCAN FOR
INSTALLATION
INFORMATION
PUMP SPECIFICATIONS
TYPE II (Shown Above)
TYPE I (Consult the Design Engineer’s Handbook or Permco Code Books for more details for Type I Shaft End Covers & Shafts)
DIMENSIONAL DATA (INCHES)
DATASHEET_5151_Rev1_2-23-26
* Maximum RPM dependent upon inlet size and conditions. Do not exceed inlet vacuum of 5 InHg
1500 Frost Rd. | P.O. Box 2068
Streetsboro, Ohio 44241
330-626-2801
support@permco.com
www.permco.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com