Electronic Components Datasheet Search
  English  ▼

X  

DIN Datasheet(PDF) 2 Page - Permco, Inc.

Part # DIN
Description  Trucks & Trailers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.

DIN Datasheet(HTML) 2 Page - Permco, Inc.

  DIN Datasheet HTML 1Page - Permco, Inc. DIN Datasheet HTML 2Page - Permco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Permco USA | 1500 Frost Road | P. O. Box 2068 | Streetsboro, Ohio 44241
Copyright © 2015 © Bulletin # D5151-617 Version 2.1
Pumps & Motors
Displ
Theo. GPM
SAE Ports
Max
Max
Model #
A
B
C
Cu.In
1000 RPM
Side
Rear
RPM*
PSI
P5151C551NMZE15-5
7.38 2.25 4.50
3.86
17
1
1-1/4
2400
3000
P5151C551NMZK17-5
7.63 2.50 4.63
4.50
19
1-1/4
1-1/4
2400
3000
P5151C551NMZK20-5
7.88 2.75 4.75
5.15
23
1-1/4
1-1/4
2400
3000
P5151C551NMZQ22-5
8.13 3.00 4.88
5.70
25
1-1/2
1-1/4
2400
3000
P5151C551NMZQ25-5
8.38 3.25 5.00
6.43
27
1-1/2
1-1/4
2400
3000
P5151C551NMZQ27-5
8.63 3.50 5.13
7.07
30
1-1/2
1-1/4
2400
3000
* Maximun Inlet Vacuum 5 In. Hg.
Dimensional Data (inches)
Permco is a leading manufacturer
of high-pressure hydraulic gear/
vane pumps and motors, flow
dividers, intensifiers, and acces-
sories. Available in a wide variety
of sizes and configurations to suit
your application needs.
Product Information
www.permco.com
Our Online Support is available
24/7/365 for your needs!
Email: support@permco.com
Call: (800) 626.2801
Displ
Theo. GPM
NPT Ports
Max
Max
Model #
A
B
C
Cu.In
1000 RPM
Side
Rear
RPM
PSI
M5151C751AAXE15-5
7.38 2.25 4.51
3.86
17
1
1-1/2
2400
3000
M5151C751AAXK17-5
7.63 2.50 4.63
4.50
19
1-1/4
1-1/2
2400
3000
M5151C751AAXK20-5
7.88 2.75 4.75
5.15
23
1-1/4
1-1/2
2400
3000
M5151C751AAXQ22-5
8.13 3.00 4.88
5.70
25
1-1/2
1-1/2
2400
3000
M5151C751AAXQ25-5
8.38 3.25 5.00
6.43
27
1-1/2
1-1/2
2400
3000
M5151C751AAXQ27-5
8.63 3.50 5.12
7.07
30
1-1/2
1-1/2
2400
3000
Motor
Displ
Theo. GPM
NPT Ports
Max
Max
Model #
A
B
C
Cu.In
1000 RPM
Side
Rear
RPM*
PSI
P5151C551AAXE15-5
7.38 2.25 4.50
3.86
17
1
1-1/2
2400
3000
P5151C551AAXK17-5
7.63 2.50 4.63
4.50
19
1-1/4
1-1/2
2400
3000
P5151C551AAXK20-5
7.88 2.75 4.75
5.15
23
1-1/4
1-1/2
2400
3000
P5151C551AAXQ22-5
8.13 3.00 4.88
5.70
25
1-1/2
1-1/2
2400
3000
P5151C551AAXQ25-5
8.38 3.25 5.00
6.43
27
1-1/2
1-1/2
2400
3000
P5151C551AAXQ27-5
8.63 3.50 5.13
7.07
30
1-1/2
1-1/2
2400
3000
Pump
Displ
Theo. GPM
SAE Ports
Max
Max
Model #
A
B
C
Cu.In
1000 RPM
Side
Rear
RPM
PSI
M5151C751NMZE15-5
7.38 2.25 4.50
3.86
17
1
1-1/4
2400
3000
M5151C751NMZK17-5
7.63 2.50 4.63
4.50
19
1-1/4
1-1/4
2400
3000
M5151C751NMZK20-5
7.88 2.75 4.75
5.15
23
1-1/4
1-1/4
2400
3000
M5151C751NMZQ22-5 8.13 3.00 4.88
5.70
25
1-1/2
1-1/4
2400
3000
M5151C751NMZQ25-5 8.38 3.25 5.00
6.43
27
1-1/2
1-1/4
2400
3000
M5151C751NMZQ27-5 8.63 3.50 5.13
7.07
30
1-1/2
1-1/4
2400
3000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com