Electronic Components Datasheet Search
  English  ▼

X  

P124 Datasheet(PDF) 2 Page - Permco, Inc.

Part # P124
Description  SMALL BUSHING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.

P124 Datasheet(HTML) 2 Page - Permco, Inc.

  P124 Datasheet HTML 1Page - Permco, Inc. P124 Datasheet HTML 2Page - Permco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Permco
1500 Frost Rd.
P. O. Box 2068
Streetsboro, OH 44241
Phone 330-626-2801
Fax 330-626-2805
e-mail info@permco.com
www.permco.com
© Bulletin #09-124PFRV-01
Dimensional Data (inches)
In accordance with our policy of continued product development, we reserve the right to change specifications without notice. The data is
average test data and should not be misconstrued to represent performance of each units.
Permco Tianjin Fluidpower Mfg.
Fenghua Industrial Park
9th Avenue
TEDA, China PC: 300457
Permco (Tianjin) Hydraulics Inc., Ltd.
236 Jinbindadao Free Trade Zone
TianJin Port, China
e-mail: technic@permcotj.com
www.permcotj.com
Copyright © 2009 Permco
1.63
.16
1.12
.75
C
1.88
D
4.00
A
E
5.61
3.16
.25
B
5.04
2.48
2.56
Secondary Port
Primary Port
GEAR
DISPL
MAX
MIN
MAX
WIDTH (IN)
CU IN/CC
RPM
RPM
PSI/BAR
.500
.62/10
3000
600
3500/241
.750
.93/15
3000
600
3500/241
1.00
1.24/20
3000
600
3500/241
1.25
1.55/25
3000
600
3500/241
1.50
1.86/30
3000
600
3300/227
1.75
2.17/35
3000
600
2900/200
2.00
2.48/40
3000
600
2500/172
GPM
(at rated
PSI)
35
2000
20
15
10
5
25
30
1000
1500
0
2500
3000
P124 Performance Chart/Specifications
2.00/2.48
1.75/2.17
1.50/1.86
1.25/1.55
1.00/1.24
.750/.93
.500/.62
Gear Width/
Cubic Inch
Displacement
RPM
A. 1.50” ANSI B92.1-96 11 Spline shaft
shown, other shafts available.
B. 1.18” 11 Spline shaft shown, other shafts
available.
C. 6.28” plus gear width.
D. 0.4” plus gear width.
E. 3.250” SAE-A-2 bolt shaft end cover shown,
other shaft end covers available.
Ports available in SAE Straight Thread (O-ring), BSPP and Metric Straight Thread, consult factory for all options not shown.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com