Electronic Components Datasheet Search
  English  ▼

X  

893 Datasheet(PDF) 1 Page - FACOM. All rights reserved.

Part # 893
Description  Short tape measures
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FACOM [FACOM. All rights reserved.]
Direct Link  https://www.facom.com/
Logo FACOM - FACOM. All rights reserved.

893 Datasheet(HTML) 1 Page - FACOM. All rights reserved.

  893 Datasheet HTML 1Page - FACOM. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.facom.com
443
Clé à fourche 44
70 mm
Heavy-duty hook
TENSILE
STRENGTH
EXCEEDS
1,000 N (100 KG)
Non-slip serrations.
With stainless
steel reinforcing
plate.
Multi rivets.
Wide hook with
protective lugs.
Multi-functional.
Short tape measures
ABS Case Series
Series 893
COMPACT AND TOUGH
Easily accessible tape lock
For keeping a measurement, making comparative measurements,
marking-out, etc.
Stainless steel belt clip
• For easy carrying.
Functional
case
• Base and bea-
ring face at 90°.
Rounded addi-
tional length.
Wrist strap hole
• Avoids dropping the tape, frees the
hand. Hole (except 893.316F)
ABS case tape measure - 2 metres with lock
893.213
• 2 m x 13 mm matt, anti-glare, nylon-coated blade.
• Blade rigidity : 1.30 m vertically - 1.20 m horizontally.
• 2-rivet hook with stainless steel reinforcing plate.
• Internal measurement obtained by adding dimension A (see table).
• Ergonomic ABS case.
• Blister card presentation (145x96 mm).
F
m
m
M
mm
A
mm
C x D
mm
D
g
893.213
2
13
55
53 x 24
78
ABS case tape measure - 3 metres with lock
893.316
• 3 m x 16 mm matt, anti-glare, nylon-coated blade.
• Blade rigidity : 1.80 m vertically - 1.50 m horizontally.
• 2-rivet hook with stainless steel reinforcing plate.
• Internal measurement obtained by adding dimension A (see table).
• Ergonomic ABS case.
• Blister card presentation (145x96 mm).
F
m
m
M
mm
A
mm
C x D
mm
D
g
893.316
3
16
60
60 x 27
126


Similar Part No. - 893

ManufacturerPart #DatasheetDescription
logo
3M Electronics
893 3M-893 Datasheet
559Kb / 4P
3M??Scotch짰 Filament Tape 893
logo
Copyright BG
893 BG-893 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
logo
Keystone Electronics Co...
893 KEYSTONE-893 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
English Chain Co. Ltd
893 50 ENGLISHCHAIN-893 50 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
893 51 ENGLISHCHAIN-893 51 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
More results

Similar Description - 893

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
EV9902A CMLMICRO-EV9902A Datasheet
484Kb / 23P
Measures Bit Error Rate
logo
Maxim Integrated Produc...
MAX34407 MAXIM-MAX34407 Datasheet
445Kb / 17P
Measures Both Current and Voltage
Rev 0; 11/14
logo
Amphenol Corporation
T10 AMPHENOL-T10 Datasheet
103Kb / 8P
Measures differential, gage pressure, or vacuum
AAS-920-079D AMPHENOL-AAS-920-079D Datasheet
50Kb / 2P
Measures up to 3/4??(19 mm) below the surface
logo
Infineon Technologies A...
TLE4929C-XHA-M18N INFINEON-TLE4929C-XHA-M18N Datasheet
1Mb / 34P
Measures speed and position of tooth/pole wheels
Datasheet 1.0 2020-09-29
logo
Maxim Integrated Produc...
MAX17135EVKIT MAXIM-MAX17135EVKIT Datasheet
2Mb / 12P
Measures Remote Diode Temperature
Rev 1; 1/12
MAX1668EVSYS MAXIM-MAX1668EVSYS Datasheet
1Mb / 7P
Measures and Displays Remote and Internal
Rev 0; 12/00
MAX6654EVSYS MAXIM-MAX6654EVSYS Datasheet
151Kb / 5P
Measures and Displays Remote Sensor
Rev 0; 5/01
logo
Analog Devices
ADBMS6948 AD-ADBMS6948 Datasheet
140Kb / 2P
Measures up to 16 Battery Cells in series
logo
Schneider Electric
IMV25 SCHNEIDER-IMV25 Datasheet
107Kb / 2P
Measures pressure, differential pressure and process temperature
Apr 26, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com