Electronic Components Datasheet Search
  English  ▼

X  

440.35 Datasheet(PDF) 1 Page - FACOM. All rights reserved.

Part # 440.35
Description  440 OGVJ metric and inch combination wrenches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FACOM [FACOM. All rights reserved.]
Direct Link  https://www.facom.com/
Logo FACOM - FACOM. All rights reserved.

440.35 Datasheet(HTML) 1 Page - FACOM. All rights reserved.

  440.35 Datasheet HTML 1Page - FACOM. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.facom.com
129
Combination wrenches
440 OGV
J metric and inch combination wrenches
W Industrial and automotive : ISO 691, NF ISO 691, ISO 7738, NF ISO 7738, ISO 3318,
NF ISO 3318, ISO 1711-1, NF ISO 1711-1, NF E74-306.
W Aerospace : SAE AS 954E.
• Wide range of openings :
- Metric sizes : 4 to 41 mm.
- Inch sizes : 1/4" to 1 1/2".
• High mechanical performance combined with compact design complying with
aeronautical standards :
• Ring head :
- Ring clearance (dimension E) designed for better access to recessed or closely spaced
screws.
- 12-point OGV profile for a high torque without damaging
the nut / prefix H : 6-point ring.
- Angled at 15°.
• Open-end :
- Optimised open end / handle geometry for increased accessibility.
- Ground contact faces.
- Satin chrome finish.
F
mm
F
"
C'
mm
B'
mm
L
mm
B
mm
C
mm
E
mm
D
g
440.4H
3,5
7,8
106
10
3
2,1
7
440.5H
6,0
9,2
115
13,3
3,6
3,1
16
440.5,5H
6,0
9,2
115
13,3
3,8
3,1
17
440.6
440.1/4
6,0
10,0
115
14,1
3,8
3,1
17
440.7
6,2
11,2
122
17,2
3,9
3,4
21
440.8
440.5/16
6,7
12,8
133
19,2
4,7
3,5
29
440.9
440.11/32
7,1
14,2
138
21,2
4,7
3,9
34
440.10
440.3/8
7,6
15,0
145
23
5,2
4,2
42
440.11
440.7/16
8,1
16,9
155
24,5
5,5
4,6
49
440.12
8,4
18,0
162
27
5,8
4,4
57
440.13
440.1/2
8,6
19,3
170
28,7
6,1
4,8
70
440.14
440.9/16
9,5
21,1
180
31
6,4
5,7
82
440.15
10,0
22,2
185
32,6
6,8
5,9
95
440.16
440.5/8
10,5
23,9
195
35,6
7,3
6,4
113
440.17
440.11/16
10,9
25,3
202
37
7,6
6,5
127
440.18
11,4
26,0
208
38,7
8,1
7,2
146
440.19
440.3/4
11,9
27,8
216
41,2
8,3
7,2
167
440.20
440.13/16
12,3
29,5
224
43,1
8,6
6,3
184
440.21
12,8
30,9
233
45,4
8,8
7,8
205
440.22
440.7/8
13,3
32,3
248
46,9
9
8,3
230
440.23
13,8
33,6
257
49
9,3
8,7
254
440.24
440.15/16
14,2
35,0
267
51
9,7
8,9
289
440.25
440.1'
14,7
36,4
274
53
9,9
9,4
311
440.26
15,1
37,8
285
55,5
10,1
9,8
342
440.27
440.1'1/16
15,6
39,2
295
58
10,4
8,9
376
440.28
440.1'1/8
16,1
40,6
305
60,7
10,7
10,6
416
440.29
16,6
42,0
320
63
11,2
10,8
473
440.30
17,1
43,5
340
65
11,5
11,2
531
440.32
440.1'1/4
18,0
46,1
355
68
12,5
11,5
639
440.33
440.1'5/16
18,5
47,0
380
69,8
12,8
11,8
716
440.34
19,0
48,9
390
72
13
12,8
741
440.35
440.1'3/8
19,5
51,0
430
74,3
13,5
12,8
888
440.36
440.1'7/16
20,0
53,0
440
76
14
13,2
941
440.38
440.1'1/2
22,0
56,0
450
80
15,2
14,1
1128
440.41
23,0
58,3
460
85
16
14,7
1286
New 440 combination wrench
UNCOMPROMISING PRODUCTION AND INSPECTION
Endurance test under load
• Facom has designed a wrench that is optimised for users and their needs :
The optimised shape of the 440 wrench combines power, comfort and agility.
In order to produce this complex shape, Facom has developed a special
manufacturing process involving new technologies.
• Each production batch undergoes dimensional inspection, as well as static
and fatigue mechanical performance, wear and corrosion resistance
testing.
4 mm
41 mm


Similar Part No. - 440.35

ManufacturerPart #DatasheetDescription
logo
Littelfuse
440 LITTELFUSE-440 Datasheet
200Kb / 4P
Surface Mount Fuses
logo
Intel Corporation
440 INTEL-440 Datasheet
1Mb / 100P
Supporting the Intel Celeron processor
440 INTEL-440 Datasheet
1Mb / 71P
Celeron M Processor on 65 nm Process
logo
Dremel
440 DREMEL-440 Datasheet
76Kb / 1P
Sanding
2006/2007
logo
Multicomp Pro
440-050 MULTICOMP-440-050 Datasheet
266Kb / 1P
Battery Holders
08/06/22 V1.0
More results

Similar Description - 440.35

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
600-004 GLENAIR-600-004 Datasheet
210Kb / 1P
Torque Wrenches
600-006-08 GLENAIR-600-006-08 Datasheet
194Kb / 1P
Circular Backshell Assembly Wrenches and Repacement Insert Pads
600-076 GLENAIR-600-076 Datasheet
217Kb / 1P
Hand Held Torque Wrenches
logo
List of Unclassifed Man...
442-987 ETC2-442-987 Datasheet
24Kb / 1P
Tap Wrenches - Chuck Type
21214 ETC-21214 Datasheet
253Kb / 1P
Wiha Insulated Ratchet Wrenches
24422 ETC2-24422 Datasheet
115Kb / 2P
METRIC STANDOFFS AND SPACERS
50054 ETC2-50054 Datasheet
257Kb / 1P
Wiha Soft Grip Wrenches
logo
TE Connectivity Ltd
408-8640 TEC-408-8640 Datasheet
259Kb / 2P
Mini Torque Wrenches
408-8676 TEC-408-8676 Datasheet
187Kb / 2P
Production Torque Wrenches
logo
Pasternack Enterprises,...
PE5019-1A PASTERNACK-PE5019-1A Datasheet
367Kb / 3P
Torque Wrenches Technical Data Sheet
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com