Electronic Components Datasheet Search
  English  ▼

X  

DCP02 Datasheet(PDF) 12 Page - Texas Instruments

Part # DCP02
Description  Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DCP02 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DCP02 Datasheet HTML 8Page - Texas Instruments DCP02 Datasheet HTML 9Page - Texas Instruments DCP02 Datasheet HTML 10Page - Texas Instruments DCP02 Datasheet HTML 11Page - Texas Instruments DCP02 Datasheet HTML 12Page - Texas Instruments DCP02 Datasheet HTML 13Page - Texas Instruments DCP02 Datasheet HTML 14Page - Texas Instruments DCP02 Datasheet HTML 15Page - Texas Instruments DCP02 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
www.ti.com
1
2
3
13
12
14
DCP02xU
28
27
26
C
16
R
7
C
17
C
18
R
8
C
20
C
19
VS4
0S4
+V4
COM4
-V4
NC
NC
1
2
3
13
12
14
C
11
R
5
C
13
C
12
R
6
C
14
C
15
VS3
0S3
+V3
COM3
-V3
28
27
26
C
1
R
1
C
3
C
2-1
C
2
R
2
C
5
C
4-1
C
4
VS1
0V1
+V1
COM1
-V1
C
6
R
3
C
8
C
7-1
C
7
R
4
C
10
C
9-1
C
9
VS2
0V2
+V2
COM2
-V2
1
2
6
5
7
1
2
6
5
7
14
14
DCP02xP
SYNC
DCP02xP
SYNC
DCP02xU
SYNC
SYNC
JP1
JP2
JP1
JP2
CON1
CON2
CON3
CON4
(1)CapacitorsC
,C
,C
,andC
arethrough-holeplatedcomponentsconnectedinparallelwithC ,C ,C ,andC (1206SMD),respectively.
(2)Foroptimumlow-noiseperformance,uselow-ESRcapacitors.
(3)DonotconnecttheSYNCpinjumper(JP1−JP4)iftheSYNCfunctionisnotbeingused.
(4)Connectionstothepowerinputshouldbemadewithaminimumwireof16/0.2twistedpair,withthelengthkeptshort.
(5)VSxand0Vxareinputsupplyandgroundrespectively(xrepresentsthechannel).
(6)+Vxand −Vxarethepositiveandnegativeoutputs,referencedtoacommongroundCOMx.
(7)JPxarethelinksusedforself-synchronization;ifthisfacilityisnotbeingused,thelinksshouldbeunconnected.
(8)R1−R8arethepoweroutputloads;donotfittheseifanexternalloadisconnected.
(9)CON1andCON2areDIL-14;CON3andCON4areSO-28packages.
(10)NC=notconnected.
2−1
4−1
7−1
9−1
2
4
7
9
DCP02 Series
SBVS011K – MARCH 2000 – REVISED FEBRUARY 2008
Figure 13. Example of PCB Layout, Schematic Diagram
12
Submit Documentation Feedback
Copyright © 2000–2008, Texas Instruments Incorporated
Product Folder Link(s): DCP02 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com