Electronic Components Datasheet Search
  English  ▼

X  

UPC393G2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPC393G2
Description  Single Power Supply Dual Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC393G2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPC393G2 Datasheet HTML 1Page - Renesas Technology Corp UPC393G2 Datasheet HTML 2Page - Renesas Technology Corp UPC393G2 Datasheet HTML 3Page - Renesas Technology Corp UPC393G2 Datasheet HTML 4Page - Renesas Technology Corp UPC393G2 Datasheet HTML 5Page - Renesas Technology Corp UPC393G2 Datasheet HTML 6Page - Renesas Technology Corp UPC393G2 Datasheet HTML 7Page - Renesas Technology Corp UPC393G2 Datasheet HTML 8Page - Renesas Technology Corp UPC393G2 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UPC277G2, UPC393G2
R03DS0132EJ0200 Rev.2.00
Page 2 of 8
Feb.4.25
EQUIVALENT CIRCUIT (1/2 CIRCUIT)
PIN CONFIGURATION (Marking side)
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Parameter
Symbol
UPC277G2,
UPC277G2(5)
UPC393G2,
UPC393G2(5)
Unit
Power Supply Voltage Note1
V + - V -
-0.3 ~ +36
V
Differential Input Voltage
VID
±36
V
Input Voltage Note 2
VI
V - -0.3 ~ V - +36
V
Output Applied Voltage Note 3
VO
V - -0.3 ~ V - +36
V
Total Power Dissipation Note 4
PT
440
mW
Output Short Circuit Duration
(vs. GND) Note 5
tS
Indefinite
s
Operating Ambient Temperature
TA
-40 ~ +85
-20 ~ +80
°C
Storage Temperature
Tstg
-55 ~ +125
°C
【
Note】 1. Note that reverse connections of the power supply may damage the ICs.
2. The allowable input voltage range without damaging or destructing the device. Independent to power
supply voltage range.
Do not apply voltage of V - (GND) - 0.3 V or less.
Note that the comparator will operate normally when the input voltage applied is within the common
mode input voltage range.
3. The input voltage range that can be applied to the output pin externally without deteriorating or damaging
the device characteristic. The permitted input voltage that can be applied regardless of the power supply
voltage. This specification also includes precaution during transition state such as ON/OFF, etc.
4. Power dissipation value when TA ≤ + 25 °C. For TA > 25 ˚C, de-rate at -4.4 mW/°C
5. Do not exceed the total power dissipation and de-rating rate in note 4.
1
OUT1
6
V +
II1 2
IN1
V -
8
OUT2
7
4
3
II2
IN2
1
- +
2
+ -
5
µPC277G2, μPC393G2
Q7
Q8
Q1
Q3
Q2
Q4
Q5
Q6
IN
II
+
-
OUT
V +
V -
100 μA
100 μA
UPC277G2,UPC393G2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com