Electronic Components Datasheet Search
  English  ▼

X  

CB20 Datasheet(PDF) 1 Page - Optronics International

Part # CB20
Description  Discontinued - Yellow Cab/Clearance Light - PC Rated
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

CB20 Datasheet(HTML) 1 Page - Optronics International

  CB20 Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
CB20 SERIES
Discontinued ­ Yellow Cab/Clearance Light ­ PC Rated
Surface mount on 1­1/2” centers, gasket included
Sealed lens and housing (194 bulb)
Hard wired (2 black wires, non­polarized)
Available in bulk, polypack and retail packaging
Three Year Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
CB20AB
CB20ABP
DISCONTINUED ­ Yellow sealed cab/clearance
light, hard wired (2 black wires, non­polarized)
50
CB20AS
DISCONTINUED ­ Retail pack: Yellow sealed
cab/clearance light, hard wired (2 black wires,
non­polarized), clam
12
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
P2 PC
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
12.8VDC ­ 0.2A
WT/DIMS:
.132 lb. / 3.5” x 2.75” x 1.688”
WARRANTY:
Three Year Warranty


Similar Part No. - CB20

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CB20 EXTECH-CB20 Datasheet
571Kb / 1P
Circuit Breaker Finder/ Receptacle Tester
logo
Pentair plc. All rights...
CB20-302E PENTAIR-CB20-302E Datasheet
307Kb / 2P
HIGH FLOW, HIGH CAPACITY CARBON FILTER FOR CHLORINE AND CHLORAMINE REDUCTION
logo
Eaton All Rights Reserv...
CB2000 EATON-CB2000 Datasheet
1Mb / 6P
Single Row Terminal Blocks
CB20110207A7 EATON-CB20110207A7 Datasheet
1Mb / 6P
Single Row Terminal Blocks
CB20110207A9 EATON-CB20110207A9 Datasheet
1Mb / 6P
Single Row Terminal Blocks
More results

Similar Description - CB20

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3002 NTE-NTE3002 Datasheet
26Kb / 2P
Light Emitting Diode Water Clear, Yellow
logo
Purdy Electronics Corpo...
AND156QYP PURDY-AND156QYP Datasheet
169Kb / 2P
AS AIInGaP Super Yellow Light Emission
AND156SYP PURDY-AND156SYP Datasheet
169Kb / 2P
AS AIInGaP Super Yellow Light Emission
AND180AYP PURDY-AND180AYP Datasheet
57Kb / 2P
InGaAlP Yellow Light Emission
logo
List of Unclassifed Man...
SL7-L24-Y ETC2-SL7-L24-Y Datasheet
264Kb / 3P
LED continuously light , yellow 24V
logo
Harwin Plc
R30-9400500 HARWIN-R30-9400500 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R30-9401000 HARWIN-R30-9401000 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R30-9401400 HARWIN-R30-9401400 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R6680-02 HARWIN-R6680-02 Datasheet
130Kb / 1P
CLEARANCE SPACER-ROUND
logo
Schneider Electric
XB7EV05MP SCHNEIDER-XB7EV05MP Datasheet
131Kb / 5P
PILOT LIGHT - LED - Yellow - 230v
Aug 10, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com