Electronic Components Datasheet Search
  English  ▼

X  

DH55 Datasheet(PDF) 1 Page - Optronics International

Part # DH55
Description  Document Holder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

DH55 Datasheet(HTML) 1 Page - Optronics International

  DH55 Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
DOCUMENT HOLDER
Document Holder
Twist­on cover with gasket protects documents from dirt and moisture while allowing
convenient access
Easy surface mount installation
Available in bulk and polypack packaging
Products
Bulk
Polypack
Diodes
Description
Qty
DH55
DH55P
Document holder, surface mount
10
ADH55B
ADH55BP
DISCONTINUED ­ Replacement lid for document
holder
50
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
MATERIALS:
Polycarbonate
VOLT/AMP:
WT/DIMS:
0.46 lb. / 5.5” x 5.5” x 2.125”
WARRANTY:
Three Year Warranty


Similar Part No. - DH55

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DH50 WALL-DH50 Datasheet
2Mb / 11P
50 Watt DC/DC Power Converters
logo
Systemsensor advanced i...
DH500 SYSTEMSENSOR-DH500 Datasheet
800Kb / 2P
Intelligent Duct Smoke Detector
DH500 SYSTEMSENSOR-DH500 Datasheet
123Kb / 4P
500 Series Intelligent Sensors with Integral Communications
logo
International Rectifier
DH5001R803R3P IRF-DH5001R803R3P Datasheet
254Kb / 10P
50V Input, Regulated Dual Outputs
logo
Systemsensor advanced i...
DH500A SYSTEMSENSOR-DH500A Datasheet
123Kb / 4P
500 Series Intelligent Sensors with Integral Communications
More results

Similar Description - DH55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R314C-GRX ETC2-441-R314C-GRX Datasheet
103Kb / 2P
Fuse Holder
441-R324-GR ETC2-441-R324-GR Datasheet
73Kb / 2P
Fuse Holder
logo
Adam Technologies, Inc.
BH-02-2 ADAM-TECH-BH-02-2 Datasheet
78Kb / 1P
BATTERY HOLDER
BH-03-2 ADAM-TECH-BH-03-2 Datasheet
136Kb / 1P
BATTERY HOLDER
BH-04-4 ADAM-TECH-BH-04-4 Datasheet
81Kb / 1P
BATTERY HOLDER
BH-06-3 ADAM-TECH-BH-06-3 Datasheet
81Kb / 1P
BATTERY HOLDER
BH-06-4 ADAM-TECH-BH-06-4 Datasheet
93Kb / 1P
BATTERY HOLDER
BH-09-3 ADAM-TECH-BH-09-3 Datasheet
76Kb / 1P
BATTERY HOLDER
BH-09-4 ADAM-TECH-BH-09-4 Datasheet
76Kb / 1P
BATTERY HOLDER
logo
Littelfuse
266 LITTELFUSE-266 Datasheet
121Kb / 1P
Holder/No. 266 / Holder/No. 268
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com