Electronic Components Datasheet Search
  English  ▼

X  

CC2480 Datasheet(PDF) 13 Page - Texas Instruments

Part # CC2480
Description  Z-Accel 2.4 GHz ZigBee짰 Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC2480 Datasheet HTML 9Page - Texas Instruments CC2480 Datasheet HTML 10Page - Texas Instruments CC2480 Datasheet HTML 11Page - Texas Instruments CC2480 Datasheet HTML 12Page - Texas Instruments CC2480 Datasheet HTML 13Page - Texas Instruments CC2480 Datasheet HTML 14Page - Texas Instruments CC2480 Datasheet HTML 15Page - Texas Instruments CC2480 Datasheet HTML 16Page - Texas Instruments CC2480 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
CC2480
Parameter
Min
Typ
Max
Unit
Condition/Note
ENOB
3
5.7
bits
7-bits setting.
Single ended input
7.5
9-bits setting.
9.3
10-bits setting.
10.8
12-bits setting.
ENOB
Error! Bookmark not defined.
6.5
bits
7-bits setting.
Differential input
8.3
9-bits setting.
10.0
10-bits setting.
11.5
12-bits setting.
Useful Power Bandwidth
0-20
kHz
7-bits setting
THD
3
-Single ended input
-75.2
dB
12-bits setting, -6dBFS
-Differential input
-86.6
dB
12-bits setting, -6dBFS
Signal To Non-Harmonic Ratio
3
-Single ended input
70.2
dB
12-bits setting
-Differential input
79.3
dB
12-bits setting
Spurious Free Dynamic Range
3
-Single ended input
78.8
dB
12-bits setting, -6dBFS
-Differential input
88.9
dB
12-bits setting, -6dBFS
CMRR, differential input
<-84
dB
12- bit setting, 1 kHz Sine (0dBFS), limited by ADC
resolution
Crosstalk, single ended input
<-84
dB
12- bit setting, 1 kHz Sine (0dBFS), limited by ADC
resolution
Offset
-3
mV
Mid. Scale
Gain error
0.68
%
DNL
3
0.05
LSB
12-bits setting, mean
0.9
LSB
12-bits setting, max
INL
3
4.6
LSB
12-bits setting, mean
13.3
LSB
12-bits setting, max
SINAD
3
35.4
dB
7-bits setting.
Single ended input
46.8
dB
9-bits setting.
(-THD+N)
57.5
dB
10-bits setting.
66.6
dB
12-bits setting.
SINAD
Error! Bookmark not defined.
40.7
dB
7-bits setting.
Differential input
51.6
dB
9-bits setting.
(-THD+N)
61.8
dB
10-bits setting.
70.8
dB
12-bits setting.
Conversion time
20
µs
7-bits setting.
36
µs
9-bits setting.
68
µs
10-bits setting.
132
µs
12-bits setting.
Power Consumption
1.2
mA
CC2480 Data Sheet SWRS074A
Page 13 of 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com